Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRAG2 Datasheet(PDF) 13 Page - STMicroelectronics

Part # XRAG2
Description  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button XRAG2_08 Datasheet HTML 9Page - STMicroelectronics XRAG2_08 Datasheet HTML 10Page - STMicroelectronics XRAG2_08 Datasheet HTML 11Page - STMicroelectronics XRAG2_08 Datasheet HTML 12Page - STMicroelectronics XRAG2_08 Datasheet HTML 13Page - STMicroelectronics XRAG2_08 Datasheet HTML 14Page - STMicroelectronics XRAG2_08 Datasheet HTML 15Page - STMicroelectronics XRAG2_08 Datasheet HTML 16Page - STMicroelectronics XRAG2_08 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
XRAG2
Operating frequency and temperature
13/33
4
Operating frequency and temperature
The XRAG2 RF interface and voltage multiplier convert RF energy provided by the reader
into the DC power required for the XRAG2 to operate.
The XRAG2 operates in the 860MHz to 960MHz frequency range, as specified in the
EPCglobal class-1 generation-2 UHF RFID specification, revision 1.0.9.
When connected to an antenna, the operating frequency is fixed by the antenna’s tuning
frequency and bandwidth.
When connected to an antenna, the operating temperature range is determined by the
antenna material capabilities.
Table 4.
XRAG2 operating temperature range
Parameter
Symbol
Min
Max
Units
Operating temperature
top
-20
55
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com