Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACSM2P Datasheet(PDF) 1 Page - Speco Technologies.

Part # ACSM2P
Description  Smartcard Credential
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

ACSM2P Datasheet(HTML) 1 Page - Speco Technologies.

  ACSM2P Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
•Up to 2.25in read range
•Frequency 13.56MHz
•High-Security Encryption Technology
•1 year warranty
•Pack quantity: 25 cards
•NDAA Compliant*
Smartcard Credential
ACSM2P
smartcard credential
Speco Technologies is constantly developing and improving products. We reserve the right to modify product design and specifications without notice and without incurring any obligation. Spec Rev. 1/19/22
800-645-5516 • Fax: 631-957-9142 or 631-957-3880 • specotech.com
Features
Technical Specification
Technology
Smartcard
Frequency
13.56 MHz
Operation
Passive (no battery)
Type
ISO-style card
Formats
Wiegand 26-bit
Material
PET composite surface + PVC core
Color
Glossy White
Slot Punch
Vertical and horizontal indicators
Marking
Date code and ID
Read Range
Up to 2.25in (57mm)
Warranty
1 year warranty
Dimensions
2.1” W x 3.4” H x .03” D (54mm x 86mm x .76mm)
Weight
0.23oz (6.4g)
Operating Temperature
-31°F to 122°F (-35°C to 50°C)
Humidity
0-95% non-condensing
Memory
2K memory standard
ISO Standards
ISO 14443-A
Technologies Supported
MIFARE® DESFire EV2
Supporting Readers
ACSR35L
ACS
YEAR
ARRANT
*Products are in compliance with NDAA Section 889 Part B Guidelines


Similar Part No. - ACSM2P

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
ACSM2P SPECO-ACSM2P Datasheet
443Kb / 1P
Smartcard Reader & Keypad
1/10/22
ACSM2P SPECO-ACSM2P Datasheet
442Kb / 1P
Smartcard Reader & Keypad
1/10/22
More results

Similar Description - ACSM2P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST8004 STMICROELECTRONICS-ST8004 Datasheet
681Kb / 19P
SMARTCARD INTERFACE
Mar-2004
ST8024 STMICROELECTRONICS-ST8024 Datasheet
892Kb / 23P
SMARTCARD INTERFACE
31-Jan-2005
logo
FCI connector
7434L0825S01 FCI-CONNECTOR-7434L0825S01 Datasheet
94Kb / 1P
SMARTCARD ASSEMBLY
7434L1025V01 FCI-CONNECTOR-7434L1025V01 Datasheet
91Kb / 1P
SMARTCARD ASSEMBLY
logo
STMicroelectronics
ST8004 STMICROELECTRONICS-ST8004_07 Datasheet
845Kb / 26P
Smartcard interface
31-Jan-2007
ST8024 STMICROELECTRONICS-ST8024_06 Datasheet
598Kb / 30P
Smartcard interface
13-Dec-2006
ST8024 STMICROELECTRONICS-ST8024_08 Datasheet
1Mb / 31P
Smartcard interface
03-Jun-2008
ST8024L STMICROELECTRONICS-ST8024L Datasheet
710Kb / 35P
Smartcard interface
04-May-2012
STEVAL-IPT005V1 STMICROELECTRONICS-STEVAL-IPT005V1 Datasheet
310Kb / 4P
Smartcard connector for testing with a smartcard
10-Apr-2014
STEVAL-IPT007V1 STMICROELECTRONICS-STEVAL-IPT007V1 Datasheet
310Kb / 4P
Smartcard connector
23-May-2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com