Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CVC607CMT Datasheet(PDF) 1 Page - Speco Technologies.

Part # CVC607CMT
Description  HD-TVI Vandal Resistant Corner Mount Color Camera
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

CVC607CMT Datasheet(HTML) 1 Page - Speco Technologies.

  CVC607CMT Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
YEAR
ARRANT
HD
TVI
HD-TVI Vandal Resistant
Corner Mount Color Camera
Features
CVC607CMT
3.6mm lens - optional lenses available, grey housing
• Supports up to Full HD 1080p @ 30fps
• Full HD resolution over coax
• Vandal resistant 90° corner mount camera
• Heavy duty housing is built to withstand blows
from a 10 lb. sledgehammer
• 12VDC operation
• Additional analog output for 960H
• 5 year warranty
Specifications
Image Sensor
1/3” Progressive Scan CMOS, 2MP
Resolution
1920 x 1080
Effective Pixels
1984 (H) x 1105 (V)
Total Pixels
2000 (H) x 1121 (V)
Electronic Shutter
1/30 sec. - 1/30,000 sec.
S/N Ratio
More than 50dB
Video Output
1.0Vp-p / 75 ohms
Power Consumption
200mA
Power Supply
12VDC (power supply not included)
Operating Temperature
14° F - 122° F
Housing
16 gauge steel
Dimensions
5.1” (W) x 3.3” (H)
Weight
1.5 lbs.
Communication
UTC
Optional Lenses
CVC607CMT2.5
2.5mm lens
*Products are in compliance with NDAA Section 889 Part B Guidelines
Optional Accessories
PSW5
12VDC
Power Supply
O5E1*
IP Encoder
*converts analog to
Speco Blue IP camera
800-645-5516 • Fax: 631-957-9142 or 631-957-3880 • www.specotech.com
Speco Technologies is constantly developing and improving products. We reserve the right to modify
product design and specifications without notice and without incurring any obligation. Spec Rev. 1/3/24
®
5.1” (W)


Similar Part No. - CVC607CMT

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
CVC605CMT1 SPECO-CVC605CMT1 Datasheet
519Kb / 1P
HD-TVI Multi-Format Intensifier®Corner Mount Camera
1/3/24
More results

Similar Description - CVC607CMT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV8 E-SWITCH-PV8 Datasheet
134Kb / 1P
Vandal and Vandal Resistant, RATING: 2A 36VDC
logo
Elektron Components Ltd...
DX0505 BULGIN-DX0505 Datasheet
70Kb / 1P
Vandal Resistant LED Indicators
DX0507 BULGIN-DX0507 Datasheet
75Kb / 1P
Vandal Resistant LED Indicators
MPI001 BULGIN-MPI001 Datasheet
77Kb / 1P
Stainless Steel Illuminated Vandal Resistant
MPI002 BULGIN-MPI002 Datasheet
75Kb / 1P
Stainless Steel Illuminated Vandal Resistant
logo
E-SWITCH
PV2 E-SWITCH-PV2 Datasheet
169Kb / 1P
VANDAL RESISTANT
logo
List of Unclassifed Man...
TANGO-20A ETC2-TANGO-20A Datasheet
990Kb / 3P
Vandal resistant
logo
Taoglas antenna solutio...
G20.B.305111.WMC TAOGLAS-G20.B.305111.WMC Datasheet
1Mb / 15P
Covert and Vandal Resistant
logo
A1 PROs co., Ltd.
AH242T A1PROS-AH242T Datasheet
225Kb / 2P
2.1Mega pixel TVI Camera
logo
List of Unclassifed Man...
IPC-D112-PF28 ETC1-IPC-D112-PF28 Datasheet
563Kb / 3P
2MP Vandal-resistant Network IR Fixed Dome Camera
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com