Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRTB-AILMS1 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # KRTB-AILMS1
Description  Micro SIDELED® 3806
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KRTB-AILMS1 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button KRTB-AILMS1 Datasheet HTML 2Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 3Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 4Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 5Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 6Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 7Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 8Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 9Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
KRTB AILMS1
DATASHEET
DATASHEET
6 | Version 1.5 | 2024-11-27
Brightness Groups
I
F(● red) = 20 mA; IF(● green) = 15 mA; IF(● blue) = 7 mA
Group
Luminous Intensity 4)
Luminous Intensity 4)
IF = f(T); all chips on
IF = f(T); all chips on
min.
max.
I
v
I
v
5B
1800 mcd
2010 mcd
6B
2010 mcd
2240 mcd
7B
2240 mcd
2500 mcd
8B
2500 mcd
2800 mcd
5C
2800 mcd
3150 mcd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com