Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK50H25DIP Datasheet(PDF) 41 Page - STMicroelectronics

Part # MK50H25DIP
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25DIP Datasheet(HTML) 41 Page - STMicroelectronics

Back Button MK50H25DIP Datasheet HTML 37Page - STMicroelectronics MK50H25DIP Datasheet HTML 38Page - STMicroelectronics MK50H25DIP Datasheet HTML 39Page - STMicroelectronics MK50H25DIP Datasheet HTML 40Page - STMicroelectronics MK50H25DIP Datasheet HTML 41Page - STMicroelectronics MK50H25DIP Datasheet HTML 42Page - STMicroelectronics MK50H25DIP Datasheet HTML 43Page - STMicroelectronics MK50H25DIP Datasheet HTML 44Page - STMicroelectronics MK50H25DIP Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
4.4.2 Active Link Setup
The following procedure should be followed to actively establish a link.
1. Issue Connect Request primitive (UPRIM=6) through CSR1. The MK50H25 will attempt to establish a
logical link. It does this by sending a SABM/P=1 frame, and repeats sending it at T1 timer intervals un-
til a response is received or N2 have been sent (in which case it would issue PPRIM=14 with
PPARM=1).
2. Wait for a Connect Confirmation primitive (PPRIM=7) from the MK50H25 (indicating reception of UA
frame in response to SABM sent).
3. If a Connect Confirmation primitive is received, a link has been established.
4. If a Disconnect Indication primitive (PPRIM=14) is received, the MK5025 has been unable to establish
a link. The reason will be in the PPARM field of CSR1.
4.4.3 Passive Link Setup
The following procedure should be followed for passively establishing a link.
1. Issue a Disconnect Request primitive (UPRIM=14). If issued with UPARM=0, a DM/F=0 frame will be
sent; if issued with UPARM=1, a DISC/P=0 frame will be sent to the remote station requesting link
setup. This step is optional in many cases, but some networks require either a DM or DISC be sent to
initiate passive link setup.
2. Wait for a Connect Indication primitive (PPRIM=6) from the MK50H25.
3. If a Connect Indication primitive is received (indicating SABM frame has been received), issue a Con-
nect Response primitive to indicate willingness to establish the link (causes MK50H25 to respond with
a UA frame). The link is now established.
4. If no Connect Indication primitive is received, the remote station is not trying to establish a link.
4.4.4 Refusing Link Setup
The following procedure should be followed when refusing link establishment.
1. A Connect Indication primitive received indicates a request by the remote station to establish a link.
2. Issue a Disconnect Request primitive to refuse to establish the link (causes MK50H25 to respond with
a DM or DISC frame depending on value of UPARM).
4.4.5 Sending Data
Use the following procedure to send a frame:
1. Wait for the OWNA bit of the current transmit descriptor to be cleared, if it is not already.
2. Fill the buffer associated with the current transmit descriptor with the data to be sent, or set the de-
scriptor buffer address to any already filled buffer.
3. Repeat steps 1 & 2 for next buffer if chaining is necessary, setting SLF, ELF and MCNT appropriately.
4. Set the OWNA bit for each descriptor used.
5. Go on to next descriptor. The OWNA bits will be cleared when data has been sent successfully and
acknowledged. In Transparent Mode, OWNA bits are cleared immediately after frame transmission.
4.4.6 Receiving Data
The following procedure should be followed when receiving a frame:
1. Make sure the OWNA bit of the current receive descriptor is clear.
2. Read data out of the buffer associated with the current receive descriptor.
3. Set the OWNA bit of the current receive descriptor.
4. If the ELF bit of the current receive descriptor is clear, then go on to the next descriptor and repeat
the above steps appending data from each buffer until a descriptor with the ELF bit set is reached.
4.4.7 Link Disconnect
The following procedure should be followed to disconnect an established link.
1. Issue the Disconnect Request primitive to the MK50H25.
2. A Disconnect Confirmation primitive (PPRIM=15) will be issued after successful disconnection, and the
MK50H25 will go into Normal Disconnected state.
MK50H25
41/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com