Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK50H27DIP Datasheet(PDF) 16 Page - STMicroelectronics

Part # MK50H27DIP
Description  Signalling System 7 Link Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H27DIP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button MK50H27DIP Datasheet HTML 12Page - STMicroelectronics MK50H27DIP Datasheet HTML 13Page - STMicroelectronics MK50H27DIP Datasheet HTML 14Page - STMicroelectronics MK50H27DIP Datasheet HTML 15Page - STMicroelectronics MK50H27DIP Datasheet HTML 16Page - STMicroelectronics MK50H27DIP Datasheet HTML 17Page - STMicroelectronics MK50H27DIP Datasheet HTML 18Page - STMicroelectronics MK50H27DIP Datasheet HTML 19Page - STMicroelectronics MK50H27DIP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
4.1.2.1 Control and Status Register 0 (CSR0)
BIT
NAME
DESCRIPTION
12
DRX
Disable the Receiver prevents the MK50H27 from further access to
the Receiver Descriptor Ring. No received signal units are accepted
after finishing reception of any signal unit in reception at
the time
of DRX being set. RXON acknowledges changes to DRX, see be-
low. DRX is READ/WRITE.
11
TXON
TRANSMITTER ON indicates that the transmit ring access is enabled.
TXON is set as the Power On primitive is issued if the DTX bit is ”0”
or afterward as DTX is cleared. TXON is cleared upon recognition of
DTX being set, by sending a Power Off primitive in CSR1, or by a
Bus RESET.
If TXON is clear, the host may modify the Transmit
Descriptor Ring entries regardless of the state of the OWNA bits.
TXON is READ ONLY; writing to this bit has no effect.
10
RXON
RECEIVER ON indicates that the receive ring access is enabled.
RXON is set as the Power On primitive is issued if DRX=0, or after-
ward as DRX is cleared. RXON is cleared upon recognition of DRX
being set, by sending a Power Off primitive in CSR1, or by a
Bus RESET. RXON is READ ONLY; writing to this bit has no effect.
09
INEA
INTERRUPT ENABLE allows the INTR I/O pin to be driven low when
the Interrupt Flag is set. If INEA = 1 and INTR = 1 the INTR I/O pin will
be low. If INEA = 0 the INTR I/O pin will be high, regardless of the
state of the Interrupt Flag.
INEA is READ/WRITE set by writing a
”1” into this bit and is cleared by writing a ”0” into this bit, by Bus RE-
SET, or while in the Power Off phase. INEA may not be set while in
the Power Off phase.
08
INTR
INTERRUPT FLAG indicates that one or more of the following interrupt
causing conditions has occurred: MISS, MERR, RINT, TINT, PINT. If
INEA = 1 and INTR = 1 the INTR I/O pin will be low. INTR is READ
ONLY, writing this bit has no effect. INTR
is cleared as the specific
interrupting condition bits are cleared. INTR is also cleared by Bus
RESET or by issuing a Power Off primitive.
07
MERR
MEMORY ERROR is set when the MK50H27 is the Bus Master and
READY has not been asserted within 256 SYSCLKs (25.6 usec @
10MHz) after asserting the address on theDAL lines. When a Mem-
ory
Error
is detected, the MK50H27 releases the bus, the receiver
and transmitter are turned off, and an interrupt is generated if INEA =
1. MERR is READ/CLEAR ONLY and is set by the chip and cleared by
writing a ”1” into the bit. Writing a ”0” has no effect.
It is cleared by
Bus RESET or by issuing a Power Off primitive.
06
MISS
MISSED MSU is set when the receiver loses a MSU because it does
not own a receive buffer indicating loss of data. When MISS is set, an
interrupt will be generated if INEA = 1. MISS is READ/CLEAR ONLY
and is set by MK50H27 and cleared by writing a ”1” into the bit. Writ-
ing a ”0” has no effect. It is also cleared by Bus RESET or by issu-
ing a Power Off primitive.
05
ROR
RECEIVER OVERRUN indicates that the Receiver FIFO was full When
the receiver was ready to input data to the Receiver FIFO. The sig-
nal unit being received is lost but is recoverable according to the Link
Level protocol. When ROR is set, an interrupt is generated if INEA =
1. ROR is READ/CLEAR ONLY and is set by MK50H27 and cleared
by writing a ”1” into the bit. Writing a ”0” has no effect. It is also
cleared by Bus RESET or by issuing a Power Off primitive.
MK50H27
16/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com