Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S124 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # S124
Description  S124 Microcontroller Group
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 17Page - Renesas Technology Corp S124 Datasheet HTML 18Page - Renesas Technology Corp S124 Datasheet HTML 19Page - Renesas Technology Corp S124 Datasheet HTML 20Page - Renesas Technology Corp S124 Datasheet HTML 21Page - Renesas Technology Corp S124 Datasheet HTML 22Page - Renesas Technology Corp S124 Datasheet HTML 23Page - Renesas Technology Corp S124 Datasheet HTML 24Page - Renesas Technology Corp S124 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
R01DS0264EU0140 Rev.1.40
Page 21 of 107
Sep 3, 2024
S124 Datasheet
2. Electrical Characteristics
2.1
Absolute Maximum Ratings
Note:
See the Total Operating Time (TOT) Utility located at http://www.renesas.com. This utility is provided for
educational and evaluation purposes only and is subject to the accompanying disclaimer.
Note 1. Ports P205, P206, P400, P401, and P407 are 5V-tolerant.
Do not input signals or an I/O pull-up power supply while the device is not powered. The current injection that
results from input of such a signal or I/O pull-up might cause malfunction and the abnormal current that passes in
the device at this time might cause degradation of internal elements.
Note 2. See section 2.2.1, Tj/Ta Definition.
Note 3. The upper limit of the operating temperature is 85°C or 105°C, depending on the product. For details, see section
1, Part Numbering
Caution:
Permanent damage to the MCU may result if absolute maximum ratings are exceeded.
To preclude any malfunctions due to noise interference, insert capacitors of high frequency
characteristics between the VCC and VSS pins, between the AVCC0 and AVSS0 pins, between the
VCC_USB and VSS_USB pins, and between the VREFH0 and VREFL0 pins. Place capacitors of about
0.1 μF as close as possible to every power supply pin and use the shortest and heaviest possible
traces. Also, connect capacitors as stabilization capacitance.
Connect the VCL pin to a VSS pin by a 4.7-µF capacitor. The capacitor must be placed close to the
pin.
Table 2.1
Absolute maximum ratings
Parameter
Symbol
Value
Unit
Power supply voltage
VCC
–0.5 to +6.5
V
Input voltage
5V-tolerant ports*1
Vin
–0.3 to +6.5
V
P000 to P004
P010 to P015
Vin
–0.3 to AVCC0 + 0.3
V
Others
Vin
–0.3 to VCC + 0.3
V
Reference power supply voltage
VREFH0
–0.3 to +6.5
V
Analog power supply voltage
AVCC0
–0.5 to +6.5
V
USB power supply voltage
VCC_USB
–0.5 to +6.5
V
VCC_USB_LDO
–0.5 to +6.5
V
Analog input voltage
When AN000 to AN010 are
used
VAN
–0.3 to AVCC0 + 0.3
V
When AN016 to AN022 are
used
–0.3 to VCC + 0.3
V
Operating temperature*2 *3
Topr
–40 to +85
–40 to +105
°C
Storage temperature
Tstg
–55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com