Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP835/2GDT Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP835/2GDT
Description  5mmx10mm LIGHT BAR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP835/2GDT Datasheet(HTML) 1 Page - Kingbright Corporation

  WP835/2GDT Datasheet HTML 1Page - Kingbright Corporation WP835/2GDT Datasheet HTML 2Page - Kingbright Corporation WP835/2GDT Datasheet HTML 3Page - Kingbright Corporation WP835/2GDT Datasheet HTML 4Page - Kingbright Corporation WP835/2GDT Datasheet HTML 5Page - Kingbright Corporation WP835/2GDT Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAF2704
REV NO: V.2
DATE: MAY/23/2007
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101007746
5mmx10mm LIGHT BAR
Part Number: WP835/2GDT
Green
Features
UNIFORM LIGHT EMITTING AREA.
EASILY MOUNTED ON P.C. BOARDS OR INDUSTRY
STANDARD SOCKETS.
FLUSH MOUNTABLE.
EXCELLENT ON/OFF CONTRAST.
CAN BE USED WITH PANELS AND LEGEND
MOUNTS.
MECHANICALLY RUGGED.
I.C. COMPATIBLE.
BOTTOM SURFACE OF EPOXY IS NOT FLAT.
RoHS COMPLIANT.
Description
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Similar Part No. - WP835/2GDT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP835/2GDT KINGBRIGHT-WP835/2GDT Datasheet
421Kb / 6P
5mm x 10mm LIGHT BAR
More results

Similar Description - WP835/2GDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-1804X ETC-A-1804X Datasheet
80Kb / 1P
LIGHT BAR
B-4025 ETC1-B-4025 Datasheet
68Kb / 1P
LIGHT BAR
logo
Kingbright Corporation
WP835-2IDT KINGBRIGHT-WP835-2IDT Datasheet
410Kb / 6P
5mmx10mm LIGHT BAR
WP835-2SRDT KINGBRIGHT-WP835-2SRDT Datasheet
409Kb / 6P
5mmx10mm LIGHT BAR
WP835-2YDT KINGBRIGHT-WP835-2YDT Datasheet
410Kb / 6P
5mmx10mm LIGHT BAR
logo
SunLED Corporation
EUR22D SUNLED-EUR22D Datasheet
177Kb / 4P
5mmx10mm LIGHT BAR
EMG22D SUNLED-EMG22D Datasheet
177Kb / 4P
5mmx10mm LIGHT BAR
EMR22D SUNLED-EMR22D Datasheet
175Kb / 4P
5mmx10mm LIGHT BAR
EUY22D SUNLED-EUY22D Datasheet
176Kb / 4P
5mmx10mm LIGHT BAR
logo
List of Unclassifed Man...
B-2709X ETC-B-2709X Datasheet
40Kb / 1P
LIGHT BAR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com