Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB6-BW Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # LB6-BW
Description  Buzzer case
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LB6-BW Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  LB6-BW Datasheet HTML 1Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[General Specifications]
[Model Number Configuration]
■Body Color
W : Off white
[Outer Dimensions]
Rapid intermittent beep / 3,378Hz
Rapid Hi-Lo / 2,016Hz & 3,012Hz
Sweep sound / 1,000Hz - 4,032Hz
Continuous beep sound / 3,378Hz 500ms ON / 500ms OFF
Rapid intermittent beep / 3,378Hz 500ms ON / 500ms OFF
No.
1
Name
Buzzer case
Material
PC
Mass(Tolerance±10%)
Operating Ambient Temperature
No.6
OFF
Continuous beep sound / 3,378Hz
Operating Ambient Humidity
0.06kg
Less than 90 % (No condensation)
Buzzer Sound /
Typical Frequency
No.1
Model
LB6-BW
SPECIFICATIONS
-20℃ to +50℃
Outer Dimensions
Refer to the Outer Dimensions
Remarks
Drawing No.
Rev.
LB6-B-W18
A
Page
Sound Pressure Level
Typ. 88dB
L B 6 - B W
No.2
No.3
Rapid Hi-Lo / 2,016Hz & 3,012Hz 500ms ON / 500ms OFF
Sweep sound / 1,000Hz - 4,032Hz 500ms ON / 500ms OFF
Environmental
Condition
Buzzer sound "No.5", Volume:100%,
from the total circumfrence of the buzzer Unit at 1m.
There are no contents of controlled substances exceeding
the threshold for the RoHS Directive.
This buzzer unit is for LB6-20ILWCNW type only.
No.8
No.9
No.4
No.5
No.7
53.5
φ60
1
1 / 1


Similar Part No. - LB6-BW

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
LB6-20ILWCBW PATLITE-LB6-20ILWCBW Datasheet
392Kb / 4P
Multi-color Signal Tower with IO-Link
Rev. C
LB6-20ILWCNW PATLITE-LB6-20ILWCNW Datasheet
392Kb / 4P
Multi-color Signal Tower with IO-Link
Rev. C
More results

Similar Description - LB6-BW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM-236L ETC2-EFM-236L Datasheet
171Kb / 1P
Piezo Buzzer
logo
Ningbo Foryard Optoelec...
EFM-260 FORYARD-EFM-260 Datasheet
44Kb / 1P
Piezo Buzzer
logo
CUI INC
CEM-1206S CUI-CEM-1206S Datasheet
483Kb / 5P
magnetic buzzer
CEM-1212S CUI-CEM-1212S Datasheet
386Kb / 5P
magnetic buzzer
CEM-1601 CUI-CEM-1601 Datasheet
388Kb / 5P
magnetic buzzer
CEM-1606 CUI-CEM-1606 Datasheet
382Kb / 5P
magnetic buzzer
CX-1612C CUI-CX-1612C Datasheet
407Kb / 4P
Magnetic buzzer
logo
Shenzhen Luguang Electr...
FFW-138G-176C LUGUANG-FFW-138G-176C Datasheet
139Kb / 1P
Piezoceramics Buzzer
logo
Soberton Inc.
WST-1606S-2 SOBERTON-WST-1606S-2 Datasheet
311Kb / 5P
Electromagnetic Buzzer
logo
CUI INC
CST-951RP-A CUI-CST-951RP-A_V01 Datasheet
281Kb / 3P
MAGNETIC BUZZER
07/02/2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com