Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA015 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STA015
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STA015_04 Datasheet HTML 34Page - STMicroelectronics STA015_04 Datasheet HTML 35Page - STMicroelectronics STA015_04 Datasheet HTML 36Page - STMicroelectronics STA015_04 Datasheet HTML 37Page - STMicroelectronics STA015_04 Datasheet HTML 38Page - STMicroelectronics STA015_04 Datasheet HTML 39Page - STMicroelectronics STA015_04 Datasheet HTML 40Page - STMicroelectronics STA015_04 Datasheet HTML 41Page - STMicroelectronics STA015_04 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
STA015 STA015B STA015T
38/55
BASS_ENHANCE
Address: 0x7C (1240
Software Reset: 0x00
Hardware Reset: 0x00
Signed number (2 complement)
This register is used to select the enhancement or attenuation STA015 has to perform on Bass Frequency
range at the digital signal. A decrement (increment) of a decimal unit corresponds to a step of attenuation
(enhancement) of 1.5dB.
The allowed Attenuation/Enhancement range is [-18dB, +18dB].
TONE_ATTEN
Address: 0x7D (125)
Type: RW
Software Reset: 0x00
Hardware Reset: 0x00
In the digital output audio, the full signal is achieved with 0 dB of attenuation. For this reason, before ap-
plying Bass & Treble Control, the user has to set the TONE_ATTEN register to the maximum value of en-
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
BE7
BE6
BE5
BE4
BE3
BE2
BE1
BE0
MSB
LSB
ENHANCE/ATTENUATION
b7
b6
b5
b4
b3
b2
b1
b0
1.5dB step
0
0001
100
+18
0
0001
011
+16.5
0
0001
010
+15
0
0001
001
+13.5
:
:
0
0000
001
+1
0
0000
000
0
1
1111
111
-1
:
:
1
1110
111
+13.5
1
1110
110
-15
1
1110
100
-16.5
1
1110
100
-18
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
TA7
TA6
TA5
TA4
TA3
TA2
TA1
TA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com