Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7575BPDTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7575BPDTR
Description  2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575BPDTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7575BPDTR Datasheet HTML 10Page - STMicroelectronics TDA7575BPDTR Datasheet HTML 11Page - STMicroelectronics TDA7575BPDTR Datasheet HTML 12Page - STMicroelectronics TDA7575BPDTR Datasheet HTML 13Page - STMicroelectronics TDA7575BPDTR Datasheet HTML 14Page - STMicroelectronics TDA7575BPDTR Datasheet HTML 15Page - STMicroelectronics TDA7575BPDTR Datasheet HTML 16Page - STMicroelectronics TDA7575BPDTR Datasheet HTML 17Page - STMicroelectronics TDA7575BPDTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Electrical characteristics curves
TDA7575B
14/32
Figure 21. Power dissipation vs. average
output power (Audio program
simulation, 4
Ω)
Figure 22.
Power dissipation vs. average output
power (Audio program simulation,
2
Ω)
Figure 23.
ITU R-ARM frequency response,
weighting filter for transient pop
0
5
10
15
20
25
30
01
2
345
Ptot (W)
CLIP
START
STD
HI-EFF
Vs=14 V
RL=2 x 4
Ω
GAUSSIAN NOISE
Po (W)
0
5
10
15
20
25
30
35
0
1
2
3
45
67
8
9
10
Ptot (W)
Po (W)
STD
HI-EFF
CLIP
START
Vs=14V
RL=2 x 2 Ohm
GAUSSIAN NOISE
0
5
10
15
20
25
30
35
0
1
2
3
45
67
8
9
10
Ptot (W)
Po (W)
STD
HI-EFF
CLIP
START
Vs=14V
RL=2 x 2 Ohm
GAUSSIAN NOISE
Output attenuation (dB)
-50
-40
-30
-20
-10
0
10
10
100
1000
10000
100000
Hz
AC00343



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com