Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USP3RCAB Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # USP3RCAB
Description  USP SUB PANEL, 3 RCA F-F BULKHEAD ADAPTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

USP3RCAB Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  USP3RCAB Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
YELLOW INSULATOR
THRU
4X, #6-32 UNC-2B
CL
CL
WHITE INSULATOR
RED INSULATOR
NOTES:
1. PANEL MATERIAL: .06 [1.5] THK COLD ROLLED STEEL.
2. PANEL FINISH: FLAT BLACK POWDER COAT.
3. KIT CONTAINS 4, #6-32 UNC SCREWS.
4. ALL DIMENSIONS SHOWN ARE FOR REFERENCE ONLY.
70.10
2.760
2.200 55.88
2X,
2.68 68.1
3.23 82
2X,
1.88 47.8
4/20/07
A
A
B
C
UNDIMENSIONED FEATURES
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
43321
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
USP3RCAB
D.FRISIELLO
8
11
SUB PANEL
USP3RCAB.SLDDRW
4/20/07
REVISIONS
DESCRIPTION
APPROVED
REV
4/20/07
4/20/07
A
J.ROBERTS
DATE
P.McNEIL
INITIAL RELEASE
BULKHEAD ADAPTER
D.FRISIELLO
CATEGORY
NORTH ANDOVER, MA
8
FSCM NO.
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
FULL
PRODUCT DESCRIPTION
MAY VARY
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
≤
DIMENSIONS ARE IN INCHES [mm]
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
CONFIGURATION DETAILS OF
USP SUB PANEL, 3 RCA F-F
PROJ
3X, RCA F-F
BULKHEAD
ADAPTER
1.30 33
3X,
.06 1.5


Similar Part No. - USP3RCAB

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
USP3RCA-CB L-COM-USP3RCA-CB Datasheet
43Kb / 1P
USP SUB PANEL, 3 RCA F-F BULKHEAD ADAPTER
4/20/07
More results

Similar Description - USP3RCAB

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6882 POMONA-6882 Datasheet
76Kb / 1P
RCA (F/M/F) Adapter
logo
Winchester Electronics ...
SD129-23-9 WINCHESTER-SD129-23-9 Datasheet
92Kb / 1P
ADAPTER F-F PANEL TNC
SD1069-1 WINCHESTER-SD1069-1 Datasheet
50Kb / 1P
ADAPTER, F-F BULKHEAD, 10 KV
SDKA-91-04 WINCHESTER-SDKA-91-04 Datasheet
54Kb / 1P
ADAPTER, F-F, PANEL, TNC
SDKA-99-74 WINCHESTER-SDKA-99-74 Datasheet
56Kb / 1P
TNC PANEL ADAPTER (F-F)
SDKC-99-56 WINCHESTER-SDKC-99-56 Datasheet
49Kb / 1P
ADAPTER, F-F, PANEL, BNC
SDKN-99-34 WINCHESTER-SDKN-99-34 Datasheet
92Kb / 1P
N BULKHEAD ADAPTER F-F
SDKN-99-67 WINCHESTER-SDKN-99-67 Datasheet
51Kb / 1P
ADAPTER, F-F, BULKHEAD, ANGLE, N
KC-99-112MB8 WINCHESTER-KC-99-112MB8 Datasheet
66Kb / 1P
ADAPTER, F-F, BULKHEAD ISOLATED GROUP
KN-99-34 WINCHESTER-KN-99-34 Datasheet
36Kb / 1P
N BULKHEAD ADAPTER F-F
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com