Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1000MP Datasheet(PDF) 1 Page - STMicroelectronics

Part # MSC1000MP
Description  AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSC1000MP Datasheet(HTML) 1 Page - STMicroelectronics

  MSC1000MP Datasheet HTML 1Page - STMicroelectronics MSC1000MP Datasheet HTML 2Page - STMicroelectronics MSC1000MP Datasheet HTML 3Page - STMicroelectronics MSC1000MP Datasheet HTML 4Page - STMicroelectronics MSC1000MP Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
October 1992
AVIONICS APPLICATIONS
RF & MICROWAVE TRANSISTORS
.280 4LSL (S053)
epoxy sealed
.
RUGGEDIZED VSWR
∞:1
.
INPUT MATCHING
.
LOW THERMAL RESISTANCE
.
CLASS A OPERATION
.
POUT
= 0.6 W MIN. WITH 10.8 dB GAIN
DESCRIPTION
The MSC1000MP is a Class A, common emitter
transistor with an emitter ballasted Matrix geo-
metry specifically designed for DME/IFF driver ap-
plications.
This device is capable of withstanding a
∞:1 load
VSWR at any phase angle under full rated condi-
tions. Low RF thermal resistance and semi-auto-
matic wire bonding techniques ensure high relia-
bility and product consistency.
The MSC1000MP is housed in the IMPAC™
package with internal input matching.
PIN CONNECTION
BRANDING
1000MP
ORDER CODE
MSC1000MP
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation*
(See Safe Area)
—
W
IC
Device Current*
300
mA
VCE
Collector-Emitter Bias Voltage*
20
V
TJ
Junction Temperature (Pulsed RF Operation)
200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance*
35
°C/W
*Applies only to rated RF amplifier operation
MSC1000MP
1. Collector
3. Base
2. Emitter
4. Emitter
THERMAL DATA
1/5


Similar Part No. - MSC1000MP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
More results

Similar Description - MSC1000MP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com