Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4002 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4002
Description  PWM LED Driver and Boost, Flyback and SEPIC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4002 Datasheet HTML 16Page - Linear Technology LTC4002 Datasheet HTML 17Page - Linear Technology LTC4002 Datasheet HTML 18Page - Linear Technology LTC4002 Datasheet HTML 19Page - Linear Technology LTC4002 Datasheet HTML 20Page - Linear Technology LTC4002 Datasheet HTML 21Page - Linear Technology LTC4002 Datasheet HTML 22Page - Linear Technology LTC4002 Datasheet HTML 23Page - Linear Technology LTC4002 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
LTC3783
3783f
out of the IC ground pad in one direction (to bottom plate
of the INTVCC decoupling capacitor) and small-signal
currents flow in the other direction.
7. If a sense resistor is used in the source of the power
MOSFET, minimize the capacitance between the SENSE
pin trace and any high frequency switching nodes. The
LTC3783 contains an internal leading-edge blanking time
of approximately 160ns, which should be adequate for
most applications.
8. For optimum load regulation and true remote sensing,
the top of the output resistor should connect indepen-
dently to the top of the output capacitor (Kelvin connec-
tion), staying away from any high dV/dt traces. Place the
divider resistors near the LTC3783 in order to keep the
high impedance FBN node short.
9. For applications with multiple switching power convert-
ers connected to the same input supply, make sure that the
input filter capacitor for the LTC3783 is not shared with
any other converters. AC input current from another
converter could cause substantial input voltage ripple, and
this could interfere with the operation of the LTC3783. A
few inches of PC trace or wire (L ~ 100nH) between the CIN
of the LTC3783 and the actual source VIN should be
sufficient to prevent current-sharing problems.
Returning the Load to VIN: A Single Inductor
Buck-Boost Application
As shown in Figure 11, due to its available high side
current sensing mode, the LTC3783 is also well-suited to
a boost converter in which the load current is returned to
VIN, hence providing a load voltage (VOUT – VIN) which can
be greater or less than the input voltage VIN. This configu-
ration allows for complete overlap of input and output
voltages, with the disadvantages that only the load cur-
rent, and not the load voltage, can be tightly regulated. The
switch must be rated for a VDS(MAX) equal to VIN + VLOAD.
The design of this circuit resembles that of the boost
converter above, and the procedure is much the same,
except VOUT is now (VIN + VLOAD), and the duty cycles and
voltages must be adjusted accordingly.
Similar to the boost converter, which can be dimmed via
the digital PWMIN input or the analog FBP pin, the buck-
boost can be dimmed via the PWMIN pin or the analog
ILIM pin, which adjusts the offset voltage to which the
loop will drive (VFBP – VFBN). In the case of the buck-
boost, however, the dimming ratio cannot be as high as
in the boost converter, since there is no load switch to
preserve the VOUT level while PWMIN is low.
OPERATIO
Figure 11. Single Inductor Buck-Boost Application with Analog Dimming and Low Frequency PWM Dimming
LTC3783
RUN
PWMIN
ITH
SS
VREF
FBP
FBN
FREQ
SYNC
VIN
OV/FB
PWMOUT
ILIM
GATE
SENSE
INTVCC
GND
VIN
9V TO 26V
RL
0.28
Ω
VOUT
LED STRING 1-4 EA
LUMILEDS LHXL-BW02
EACH LED IS 3V TO 4.2V
AT 350mA
10
µF, 50V
C5750X7R1H106M
CERAMIC
0V TO
1.23V
10
µF, 50V
×2
UMK432C106MM
10
µH
SUMIDA
CDRH8D28-100
GND
3783 F11
1M
20k
PMEG6010
FAIRCHILD
FDN5630
1k
40.2k
4.7
µF
100k
PWM
5V AT 0Hz TO 10Hz
4.7
µF
0.05
Ω
1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com