Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC20/20EWA Datasheet(PDF) 1 Page - Kingbright Corporation

Part # DC20/20EWA
Description  20 SEGMENTS BAR GRAPH ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

DC20/20EWA Datasheet(HTML) 1 Page - Kingbright Corporation

  DC20/20EWA Datasheet HTML 1Page - Kingbright Corporation DC20/20EWA Datasheet HTML 2Page - Kingbright Corporation DC20/20EWA Datasheet HTML 3Page - Kingbright Corporation DC20/20EWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD1431
REV NO: V.7
DATE: MAY/31/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1331000090
20 SEGMENTS BAR GRAPH ARRAY
Part Number: DC20/20EWA
High Efficiency Red
Features
SUITABLE FOR LEVEL INDICATORS.
LOW CURRENT OPERATION.
EXCELLENT ON/OFF CONTRAST.
WIDE VIEWING ANGLE.
END STACKABLE.
MECHANICALLY RUGGED.
DIFFERENT COLORS IN ONE UNIT AVAILABLE.
STANDARD: GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.


Similar Part No. - DC20/20EWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DC20/20GWA KINGBRIGHT-DC20/20GWA Datasheet
153Kb / 4P
20 SEGMENTS BAR GRAPH ARRAY
DC20/20SRWA KINGBRIGHT-DC20/20SRWA Datasheet
151Kb / 4P
20 SEGMENTS BAR GRAPH ARRAY
DC20/20YWA KINGBRIGHT-DC20/20YWA Datasheet
153Kb / 4P
20 SEGMENTS BAR GRAPH ARRAY
More results

Similar Description - DC20/20EWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DC20-20GWA KINGBRIGHT-DC20-20GWA Datasheet
153Kb / 4P
20 SEGMENTS BAR GRAPH ARRAY
DC20-20SRWA KINGBRIGHT-DC20-20SRWA Datasheet
151Kb / 4P
20 SEGMENTS BAR GRAPH ARRAY
DC20-20YWA KINGBRIGHT-DC20-20YWA Datasheet
153Kb / 4P
20 SEGMENTS BAR GRAPH ARRAY
logo
SunLED Corporation
GMGX20D SUNLED-GMGX20D Datasheet
188Kb / 4P
20 SEGMENTS BAR GRAPH ARRAY
GMRX20D SUNLED-GMRX20D Datasheet
188Kb / 4P
20 SEGMENTS BAR GRAPH ARRAY
GUGX10D SUNLED-GUGX10D Datasheet
176Kb / 4P
10 SEGMENTS BAR GRAPH ARRAY
GURUGX10D SUNLED-GURUGX10D Datasheet
197Kb / 5P
10 SEGMENTS BAR GRAPH ARRAY
GURX10D SUNLED-GURX10D Datasheet
176Kb / 4P
10 SEGMENTS BAR GRAPH ARRAY
GURX20D SUNLED-GURX20D Datasheet
187Kb / 4P
20 SEGMENTS BAR GRAPH ARRAY
GUYX20D SUNLED-GUYX20D Datasheet
189Kb / 4P
20 SEGMENTS BAR GRAPH ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com