Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KW-DELSS2-CC Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # KW-DELSS2-CC
Description  OSTUNE® E1608
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KW-DELSS2-CC Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button KW-DELSS2-CC Datasheet HTML 12Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 13Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 14Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 15Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 16Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 17Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 18Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 19Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
KW DELSS2.CC
DATASHEET
DATASHEET
16 | Version 1.1 | 2022-07-28
Forward Voltage 6)
ΔV
F = VF - VF(25 °C) = f(Tj); IF = 30 mA
KW DELSS2.CC
-40-20
020406080 100 120
Tj /°C
-0.2
0.0
0.2
0.4
∆VF /V
Relative Luminous Intensity 6)
I
v/Iv(25 °C) = f(Tj); IF = 30 mA
KW DELSS2.CC
-40-20
020406080 100 120
Tj /°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Iv
Iv(25°C)
: 2700 K
: 4000 K
: 6500 K
Chromaticity Coordinate Shift 6)
ΔCx, ΔCy = f(T
j); IF = 30 mA
KW DELSS2.CC
-40-20
020406080 100 120
Tj /°C
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx
∆Cy
: ∆ Cx - 2700 K
: ∆ Cy - 2700 K
: ∆ Cx - 4000 K
: ∆ Cy - 4000 K
: ∆ Cx - 6500 K
: ∆ Cy - 6500 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com