Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1702008 Datasheet(PDF) 1 Page - LUMEL S.A.

Part # P1702008
Description  transducer supplied from a current loop 4-20ma
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

P1702008 Datasheet(HTML) 1 Page - LUMEL S.A.

  P1702008 Datasheet HTML 1Page - LUMEL S.A. P1702008 Datasheet HTML 2Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
export department:
+48 68 45 75 139/ 321/ 368
fax: +48 68 32 54 091
e-mail: export@lumel.com.pl
LUMEL S.A.
ul. Sulechowska 1
65-022 Zielona Góra
POLAND
WWW.lumel.com.pl
P17transducersuppliedfromacurrentloop4-20ma
Inputs
Input type
Range
Overload
Error
Voltage
0 .. 10 V
short duration (3s):
30 V (sensor and volta-
ge inputs)
sustained:
1% (thermocouple,
resistance thermome-
ters), 20% (voltage and
Basic error:
+/- 0.5 % of range
Additional error (from
ambient temperature
changes):
+/- (0.25 % of range/
10 K)
0 .. 60 mV
Thermocouple J
-100 .. 1200oC
Thermocouple K
-100 .. 1370oC
Thermocouple N
-100 .. 1300oC
Thermocouple E
-100 .. 900oC
Resistance thermometer Pt 100
-50 .. 100 oC
-50 .. 400oC
E�ample of application
• Thin-walled casing - 6.2 mm.
• Standardized d.c. current output signal 4-20 mA.
• Supply from a current loop.
INPUTS:
DC
OUTPUTS:
4...20
A
m
Outputs
Output type
Admissible load resistance
Output resolution
4 .. 20 mA
Rload < 500 
0.005 mA
FEATURES:
Remote temperature measurement.
E�ternal features
Overall dimensions
76.9 x 99.1 x 6.2 mm
Weight
80 g
Protection grade
ensured by casing: IP50
from terminal side: IP20
Fixing
on a 35 mm DIN rail
acc. to EN 60715
Rated operating conditions
Supply voltage
19 .. 30 V d.c.
power input  0.7 VA
Temperature
ambient: -20...23...55°C
storage: -25...85°C
Relative humidity
< 95%
inadmissible condensation
Operating position
any
Preheating time
15 min
6,2
mm
W
+
-
+
-
+
+
-
24 V
Pt 100
N20
100 m


Similar Part No. - P1702008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P170 ETC2-P170 Datasheet
91Kb / 1P
SSMP FEMALE STRAIGHT SHORT
logo
TT Electronics.
P170 TTELEC-P170 Datasheet
905Kb / 7P
RoHS compliant
logo
List of Unclassifed Man...
P170-4 ETC2-P170-4 Datasheet
104Kb / 1P
VHF Lowband Yagis - Superior Construction Means System Reliability
P170-4 ETC2-P170-4 Datasheet
104Kb / 1P
VHF Lowband Yagis - Superior Construction Means System Reliability
logo
Littelfuse
P1701A_2L LITTELFUSE-P1701A_2L Datasheet
151Kb / 3P
Two-chip SLIC Protector
More results

Similar Description - P1702008

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
RCV420 BURR-BROWN-RCV420 Datasheet
240Kb / 10P
Precision 4mA to 20mA CURRENT LOOP RECEIVER
XTR115 BURR-BROWN-XTR115 Datasheet
81Kb / 7P
4-20mA CURRENT LOOP TRANSMITTERS
logo
Texas Instruments
XTR117 TI-XTR117 Datasheet
187Kb / 11P
4-20mA Current-Loop Transmitter
logo
Protek Devices
420E212 PROTEC-420E212 Datasheet
55Kb / 3P
DUAL 4-20mA CONTROL LOOP PROTECTOR
logo
Murata Manufacturing Co...
EB-LP MURATA-EB-LP Datasheet
95Kb / 2P
4-20mA Current Loop Application Board for DMS-30LCD Meters
logo
Protek Devices
420E212 PROTEC-420E212_11 Datasheet
353Kb / 5P
dual 4-20mA CONTROL LOOP PROTECTOR
420E212 PROTEC-420E212_12 Datasheet
355Kb / 5P
DUAL 4-20mA CONTROL LOOP PROTECTOR
logo
Texas Instruments
XTR115 TI1-XTR115 Datasheet
259Kb / 13P
4-20mA CURRENT LOOP TRANSMITTERS
XTR117 TI1-XTR117_12 Datasheet
669Kb / 17P
4-20mA Current-Loop Transmitter
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
4-20mA Current Loop Isolator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com