Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC81002 Datasheet(PDF) 3 Page - STMicroelectronics

Part # MSC81002
Description  RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSC81002 Datasheet(HTML) 3 Page - STMicroelectronics

  MSC81002 Datasheet HTML 1Page - STMicroelectronics MSC81002 Datasheet HTML 2Page - STMicroelectronics MSC81002 Datasheet HTML 3Page - STMicroelectronics MSC81002 Datasheet HTML 4Page - STMicroelectronics MSC81002 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
PIN
= 0.2 W
VCC
= 28 V
Normalized to 50 ohms
POUT
= Saturated
VCC
= 28 V
Normalized to 50 ohms
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
0.4 GHz
4.8 + j 3.7
60.0 + j 60.0
0.6 GHz
5.4 + j 5.3
32.0 + j 48.0
1.0 GHz
6.0 + j 7.0
18.0 + j 38.0
1.2 GHz
8.2 + j 11.6
12.8 + j 36.0
MSC81002
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com