Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB824 Datasheet(PDF) 2 Page - Kingbright Corporation

Part # KB824
Description  PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB824 Datasheet(HTML) 2 Page - Kingbright Corporation

  KB824 Datasheet HTML 1Page - Kingbright Corporation KB824 Datasheet HTML 2Page - Kingbright Corporation KB824 Datasheet HTML 3Page - Kingbright Corporation KB824 Datasheet HTML 4Page - Kingbright Corporation KB824 Datasheet HTML 5Page - Kingbright Corporation KB824 Datasheet HTML 6Page - Kingbright Corporation KB824 Datasheet HTML 7Page - Kingbright Corporation KB824 Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PHOTOCOUPLER
KB824
SPEC NO: DSAD1534
REV NO: V.5
DATE: APR/07/2005
PAGE: 2 OF 8
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: B.H.LI
ERP: 1205000010
0.5 [0.02] 0.1
9.66 [0.38]
0.9 [0.035] 0.2
1.2 [0.047] 0.3
1
4
3
2
1
4
Internal connection
diagram
KB824
8
5
6
7
8
Top View
2.54 [0.1] 0.25
5
5, 7. Emitter
6, 8. Collector
Anode
mark
1, 3 . Anode,Cathode
2, 4. Anode,Cathode
θ
θ
0.25 [0.01] 0.1
7.62 [0.3] 0.3
= 0 to 13
****PACKAGE DIMENSIONS (UNIT:mm)
DIP Type
TOLERANCE :
±0.5[±0.02] UNLESS OTHERWISE NOTED.
*
CEO
ECO
Ptot
Viso
Topr
Tsol
Tstg
C
C
Symbol
Total power dissipation
*2
Soldering temperature
*2
*1
Isolation voltage
Storage temperature
Operating temperature
*1
Emitter-collector voltage
Collector power dissipation
Collector-emitter voltage
Collector current
Output
Power dissipation
Forward current
Input
Parameter
V
I
P
V
P
F
I
200
mW
° C
° C
° C
V
260
-55~+125
-30~+100
5000
r.m.s
Unit
mW
mW
mA
mA
35
50
150
6
± 50
Rating
70
V
V
Absolute Maximum Ratings (Ta=25 C)
°
40 to 60%RH, AC for 1 minute
For 10 seconds
rms
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com