Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB837 Datasheet(PDF) 2 Page - Kingbright Corporation

Part # KB837
Description  PHOTOCOUPLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB837 Datasheet(HTML) 2 Page - Kingbright Corporation

  KB837 Datasheet HTML 1Page - Kingbright Corporation KB837 Datasheet HTML 2Page - Kingbright Corporation KB837 Datasheet HTML 3Page - Kingbright Corporation KB837 Datasheet HTML 4Page - Kingbright Corporation KB837 Datasheet HTML 5Page - Kingbright Corporation KB837 Datasheet HTML 6Page - Kingbright Corporation KB837 Datasheet HTML 7Page - Kingbright Corporation KB837 Datasheet HTML 8Page - Kingbright Corporation KB837 Datasheet HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SPEC NO: DSAI0536
REV NO: V.1
DATE: JAN/16/2008
PAGE: 2 OF 9
APPROVED: WYNEC
CHECKED: Tracy Deng
DRAWN: R.CHEN
ERP: 1205000020
PHOTOCOUPLER
Part Number: KB837
*PACKAGE DIMENSIONS (UNIT:mm)
DIP Type
TOLERANCE :
±0.5[±0.02] UNLESS OTHERWISE NOTED.
*Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Rating
Unit
Input
Forward current
I
F
50
mA
Reverse voltage
V
R
6V
Power dissipation
P
70
mW
Output
Collector-emitter voltage
V
CE O
35
V
Emitter-collector voltage
V
EC O
6V
Collector current
I
C
50
mA
Collector power dissipation
P
C
150
mW
Total power dissipation
Ptot
200
mW
*1 Isolation voltage
Viso
5000
Vrms
Operating temperature
Topr
-30~+100
°C
Storage temperature
Tstg
-55~+125
°C
*2 Soldering temperature
Tsol
260
°C
*1 40 to 60% RH,AC for 1 minute.
*2 For 10 seconds.
KB837
Top View
Internal connection diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com