Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB836CD Datasheet(PDF) 1 Page - Kingbright Corporation

Part # KB836CD
Description  PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB836CD Datasheet(HTML) 1 Page - Kingbright Corporation

  KB836CD Datasheet HTML 1Page - Kingbright Corporation KB836CD Datasheet HTML 2Page - Kingbright Corporation KB836CD Datasheet HTML 3Page - Kingbright Corporation KB836CD Datasheet HTML 4Page - Kingbright Corporation KB836CD Datasheet HTML 5Page - Kingbright Corporation KB836CD Datasheet HTML 6Page - Kingbright Corporation KB836CD Datasheet HTML 7Page - Kingbright Corporation KB836CD Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPEC NO: DSAD1547
REV NO: V.4
DATE: MAR/17/2005
PAGE: 1 OF 8
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: Y.CHENG
ERP: 1205000040
PHOTOCOUPLER
KB836
GENERAL PURPOSE
HIGH ISOLATION VOLTAGE
SINGLE TRANSISTOR TYPE
HIGH COLLECTOR VOLTAGE
PHOTOCOUPLER SERIES
FEATURES
1.High isolation voltage between input and output (Viso=5000 Vrms).
2.High Collector-emitter voltage (Vceo=70V).
3.Compact dual-in-line package
KB836:3-channel type
4.Recognized by UL and CUL, file NO.E225308.
5.RoHS compliant.
DESCRIPTION
1.The KB836 (3-channel) is optically coupled isolators containing
a GaAS light emitting diode and an NPN silicon phototransistor.
2.The lead pitch is 2.54mm.
3.Solid insulation thickness between emitting diode and output phototransistor:>=0.6mm.
APPLICATIONS
1.Computer terminals.
2.Registers,copiers,automatic vending machines.
3.System appliances, measuring instruments.
4.Programmable logic controller.
5.Signal transmission between circuits of different potentials and impedances.


Similar Part No. - KB836CD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB834 KINGBRIGHT-KB834 Datasheet
199Kb / 8P
PHOTOCOUPLER
KB8341 KINGBRIGHT-KB8341 Datasheet
141Kb / 8P
PHOTOCOUPLER
KB834A KINGBRIGHT-KB834A Datasheet
199Kb / 8P
PHOTOCOUPLER
KB834AB KINGBRIGHT-KB834AB Datasheet
199Kb / 8P
PHOTOCOUPLER
KB834B KINGBRIGHT-KB834B Datasheet
199Kb / 8P
PHOTOCOUPLER
More results

Similar Description - KB836CD

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
6N138 MARKTECH-6N138 Datasheet
107Kb / 3P
PHOTOCOUPLER
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
PHOTOCOUPLER
logo
California Eastern Labs
PS2561A-1 CEL-PS2561A-1 Datasheet
471Kb / 15P
PHOTOCOUPLER
logo
Kingbright Corporation
KB356NT KINGBRIGHT-KB356NT Datasheet
209Kb / 9P
PHOTOCOUPLER
KB846 KINGBRIGHT-KB846 Datasheet
239Kb / 9P
PHOTOCOUPLER
KBT011 KINGBRIGHT-KBT011 Datasheet
127Kb / 4P
PHOTOCOUPLER
logo
Lite-On Technology Corp...
LTV-M601 LITEON-LTV-M601 Datasheet
527Kb / 17P
Photocoupler
logo
LETEX TECHNOLOGY CORP.
LA211 LETEX-LA211 Datasheet
195Kb / 4P
Photocoupler
LA313 LETEX-LA313 Datasheet
211Kb / 4P
Photocoupler
logo
Guangdong Youtai Semico...
PS2501 UMW-PS2501 Datasheet
263Kb / 5P
PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com