Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB846BD Datasheet(PDF) 1 Page - Kingbright Corporation

Part # KB846BD
Description  PHOTOCOUPLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB846BD Datasheet(HTML) 1 Page - Kingbright Corporation

  KB846BD Datasheet HTML 1Page - Kingbright Corporation KB846BD Datasheet HTML 2Page - Kingbright Corporation KB846BD Datasheet HTML 3Page - Kingbright Corporation KB846BD Datasheet HTML 4Page - Kingbright Corporation KB846BD Datasheet HTML 5Page - Kingbright Corporation KB846BD Datasheet HTML 6Page - Kingbright Corporation KB846BD Datasheet HTML 7Page - Kingbright Corporation KB846BD Datasheet HTML 8Page - Kingbright Corporation KB846BD Datasheet HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SPEC NO: DSAD1548
REV NO: V.5
DATE: NOV/21/2005
PAGE: 1 OF 9
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: Y.W.WANG
ERP:1205000026
PHOTOCOUPLER
P/N: KB846
FEATURES
1.High isolation voltage between input and output (Viso=5000 Vrms).
2.High Collector-emitter voltage (Vceo=70V).
3.Compact dual-in-line package
KB846:4-channel type
4.Recognized by UL and CUL, file NO.E225308.
5.RoHS Compliant.
DESCRIPTION
1.The KB846 (4-channel) is optically coupled isolators containing
a GaAS light emitting diode and an NPN silicon phototransistor.
2.The lead pitch is 2.54mm.
3.Solid insulation thickness between emitting diode and output phototransistor:>=0.6mm.
APPLICATIONS
1.Computer terminals.
2.Registers,copiers,automatic vending machines.
3.System appliances, measuring instruments.
4.Programmable logic controller.
5.Signal transmission between circuits of different potentials and impedances.
GENERAL PURPOSE
HIGH ISOLATION VOLTAGE
SINGLE TRANSISTOR TYPE
HIGH COLLECTOR VOLTAGE
PHOTOCOUPLER SERIES


Similar Part No. - KB846BD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB844 KINGBRIGHT-KB844 Datasheet
158Kb / 8P
PHOTOCOUPLER
KB8441 KINGBRIGHT-KB8441 Datasheet
178Kb / 9P
PHOTOCOUPLER
KB844A KINGBRIGHT-KB844A Datasheet
158Kb / 8P
PHOTOCOUPLER
KB844AB KINGBRIGHT-KB844AB Datasheet
158Kb / 8P
PHOTOCOUPLER
KB844B KINGBRIGHT-KB844B Datasheet
158Kb / 8P
PHOTOCOUPLER
More results

Similar Description - KB846BD

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
6N138 MARKTECH-6N138 Datasheet
107Kb / 3P
PHOTOCOUPLER
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
PHOTOCOUPLER
logo
California Eastern Labs
PS2561A-1 CEL-PS2561A-1 Datasheet
471Kb / 15P
PHOTOCOUPLER
logo
Kingbright Corporation
KB844 KINGBRIGHT-KB844 Datasheet
158Kb / 8P
PHOTOCOUPLER
KB356NT KINGBRIGHT-KB356NT Datasheet
209Kb / 9P
PHOTOCOUPLER
KBT011 KINGBRIGHT-KBT011 Datasheet
127Kb / 4P
PHOTOCOUPLER
logo
Lite-On Technology Corp...
LTV-M601 LITEON-LTV-M601 Datasheet
527Kb / 17P
Photocoupler
logo
LETEX TECHNOLOGY CORP.
LA211 LETEX-LA211 Datasheet
195Kb / 4P
Photocoupler
LA313 LETEX-LA313 Datasheet
211Kb / 4P
Photocoupler
logo
Guangdong Youtai Semico...
PS2501 UMW-PS2501 Datasheet
263Kb / 5P
PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com