Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB8341 Datasheet(PDF) 3 Page - Kingbright Corporation

Part # KB8341
Description  PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB8341 Datasheet(HTML) 3 Page - Kingbright Corporation

  KB8341 Datasheet HTML 1Page - Kingbright Corporation KB8341 Datasheet HTML 2Page - Kingbright Corporation KB8341 Datasheet HTML 3Page - Kingbright Corporation KB8341 Datasheet HTML 4Page - Kingbright Corporation KB8341 Datasheet HTML 5Page - Kingbright Corporation KB8341 Datasheet HTML 6Page - Kingbright Corporation KB8341 Datasheet HTML 7Page - Kingbright Corporation KB8341 Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PHOTOCOUPLER
KB8341
SPEC NO: DSAD1539
REV NO: V.6
DATE: MAR/14/2005
PAGE: 3 OF 8
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: Y.W.WANG
ERP:1205000018
* Electro-optical Characteristics (Ta=25°C)
Cut-off frequency
Parameter
Collector-emitter saturation voltage
Collector dark current
Peak forward voltage
Current transfer ratio
Forward voltage
Response time
I
CTR=
X 100%
F
Ic
Transfer
charact-
eristics
Input
*1
Output
=0mA
VCE(sat)
Rise time
Fall time
mA
10
=
=2V, I
V
t
=100
L
R
CE
r
f
t
C
±
VCE=5V, IC=2mA
RL=100
Ω, -3dB
=
F
I
c
f
mA
5
=
C
0mA, I
2
Symbol
ICEO
CTR
VFM
=±1mA, V
F
I
F
0V,I
1
=
CE
V
=2V
CE
0.5A
±
=
FM
I
VF
=±20mA
F
I
Conditions
kHz
μ
μ
60
300
53
250
6
0.
18
V
Unit
V
V
600
-6
7500
10
3.0
Typ.
1.2
Min.
Max.
1.4
A
%
Parameter
Absolute Maximum Ratings
40 to 60%RH, AC for 1 minute
Emitter-collector voltage
Collector power dissipation
Collector current
Collector-emitter voltage
Power dissipation
Forward current
Operating temperature
For 10 seconds
Soldering temperature
Storage temperature
Isolation voltage
Total power dissipation
Output
Input
V
35
CEO
V
-30~+100
-55~+125
Topr
Tsol
Tstg
C
P
Viso
Ptot
ECO
V
C
I
°C
260
°C
°C
mW
150
200
5000
mW
rms
V
6
80
V
mA
(Ta=25°C)
P
F
I
Symbol
70
±50
mW
mA
Rating
Unit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com