Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA-T67D Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # LA-T67D
Description  TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LA-T67D Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button LA-T67D Datasheet HTML 6Page - ams-OSRAM AG LA-T67D Datasheet HTML 7Page - ams-OSRAM AG LA-T67D Datasheet HTML 8Page - ams-OSRAM AG LA-T67D Datasheet HTML 9Page - ams-OSRAM AG LA-T67D Datasheet HTML 10Page - ams-OSRAM AG LA-T67D Datasheet HTML 11Page - ams-OSRAM AG LA-T67D Datasheet HTML 12Page - ams-OSRAM AG LA-T67D Datasheet HTML 13Page - ams-OSRAM AG LA-T67D Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LA T67D
DATASHEET
DATASHEET
10 | Version 1.8 | 2022-07-20
Max. Permissible Forward Current
I
F = f(T)
7D30
020406080
100
TA [°C]
0
5
10
15
20
25
30
IF [mA]
: TA
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle
10-5
10-4
10-3
0,01
0,11
10
Pulsetime
[s]
0,04
0,06
0,08
0,10
IF [A]
TA =0°C ... 91°C
Lx T67D
:D =1.0
:D =0.5
:D =0.2
:D =0.1
:D =0.05
:D =0.02
:D =0.01
:D =0.005
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle
10-5
10-4
10-3
0,01
0,11
10
Pulsetime [s]
0,02
0,04
0,06
0,08
0,10
IF [A]
TA = 100°C
Lx T67D
:D =1.0
:D =0.5
:D =0.2
:D =0.1
:D =0.05
:D =0.02
:D =0.01
:D =0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com