Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LCRE4U1 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST7LCRE4U1
Description  Full-speed USB MCU with smartcard interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LCRE4U1 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST7LCRE4U1 Datasheet HTML 11Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 12Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 13Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 14Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 15Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 16Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 17Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 18Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
ST7LCR
15/29
4.4.2
External clock source
Figure 4.
Typical application with an external clock source
Table 11.
External clock source characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOSCINH
OSCIN input pin high level voltage
see Figure 4
0.7VDD
VDD
V
VOSCINL
OSCIN input pin low level voltage
VSS
0.3VDD
tw(OSCINH)
tw(OSCINL)
OSCIN high or low time(1)
1.
Data based on design simulation and/or technology characteristics, not tested in production.
15
ns
tr(OSCIN)
tf(OSCIN)
OSCIN rise or fall time
15
IL
OSCx Input leakage current
VSS≤VIN≤VDD
±1
µA
OSCIN
OSCOUT
fOSC
EXTERNAL
ST7XXX
CLOCK SOURCE
VOSCINL
VOSCINH
tr(OSCIN)
tf(OSCIN)
tw(OSCINH)
tw(OSCINL)
IL
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com