Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCL002AFYB Datasheet(PDF) 1 Page - Optronics International

Part # MCL002AFYB
Description  LED 2.5" Recess Flange Mount Marker/Clearance Lights
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

MCL002AFYB Datasheet(HTML) 1 Page - Optronics International

  MCL002AFYB Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
MCL002 SERIES
LED 2.5" Recess Flange Mount Marker/Clearance
Lights
Sonically sealed, waterproof
Recess flange mount design fits 2.75" diameter hole cut­out
Hard wired with butt connectors on leads
Built­in reflex eliminates the need for a separate reflector
Available in bulk and polypack packaging
Lifetime LED Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
MCL002AXHWB
MCL002AXHWBP
1
Yellow 2.5" marker/clearance light with
reflex, hard wired (black=power,
white=ground), butt connectors on
leads
50
MCL002RXHWB
MCL002RXHWBP
1
Red 2.5" marker/clearance light with
reflex, hard wired (black=power,
white=ground), butt connectors on
leads
50
MCL002AXB
MCL002AXBP
1
DISCONTINUED (see MCL002AXHWB) ­
Yellow 2.5" marker/clearance light with
reflex, PL­10 connection with locking
clip
50
MCL002AFYB
MCL002AFYBP
1
DISCONTINUED ­ Yellow 2.5"
marker/clearance light with reflex,
angled weathertight connection
50
MCL002RXB
MCL002RXBP
1
DISCONTINUED (see MCL002RXHWB) ­
Red 2.5" marker/clearance light with
reflex, PL­10 connection with locking
clip
50
MCL002RFYB
MCL002RFYBP
1
DISCONTINUED ­ Red 2.5"
marker/clearance light with reflex,
angled weathertight connection
50
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
P2 A
MATERIALS:
Polycarbonate lens and housing
VOLT/AMP:
12 VDC ­ .045A
WT/DIMS:
.112 lbs / 3.52" x 3.52" x 1.56"
WARRANTY:
Lifetime LED Warranty


Similar Part No. - MCL002AFYB

ManufacturerPart #DatasheetDescription
logo
Optronics International
MCL0028ABB OPTRONICS-MCL0028ABB Datasheet
136Kb / 3P
Replacement lenses
MCL0028RBB OPTRONICS-MCL0028RBB Datasheet
136Kb / 3P
Replacement lenses
More results

Similar Description - MCL002AFYB

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
6039-004-304R CML-6039-004-304R Datasheet
222Kb / 1P
Astrolite LED Indicator Lights
logo
Dialight Corporation
13071A DIALIGHT-13071A Datasheet
71Kb / 1P
LED Mini Marker/ Clearance Lamps
15071A DIALIGHT-15071A Datasheet
75Kb / 1P
LED Marker/Clearance Lamps
TM4-RR-13T-13 DIALIGHT-TM4-RR-13T-13 Datasheet
106Kb / 1P
Tactical 45 Degree Marker Lights
TMK-RR-13T-13 DIALIGHT-TMK-RR-13T-13 Datasheet
97Kb / 1P
Tactical Marker Lights
logo
Visual Communications C...
131A-303R VCC-131A-303R Datasheet
111Kb / 1P
Midget Flange Relampable Indicator Lights
logo
List of Unclassifed Man...
STR1060005CE01 ETC2-STR1060005CE01 Datasheet
364Kb / 7P
3527 LED Strip Lights
logo
Cree, Inc
LR6-DR650 CREE-LR6-DR650 Datasheet
506Kb / 2P
Deep Recess LED Downlight
LR6-DR1000 CREE-LR6-DR1000 Datasheet
516Kb / 2P
Deep Recess LED Downlight
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
LED reading lights
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com