Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DILM13 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DILM13
Description  RC−suppressor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DILM13 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DILM13 Datasheet HTML 1Page - List of Unclassifed Manufacturers DILM13 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: DILM12−XSPR500
Article No.: 281201
Sales text RC−suppressor f. DILA/M7..12
Ordering information
AC operated 50/60 Hz
Us
V
240 – 500 AC
For use with
DILM7 – DILM15
DILMP20
DILA
Contact sequence
Notes concerning the product group
For AC−operated contactors 50 – 60 Hz.
With DC operated contactors and with DILM115 and DILM150 or DILMP125 to DILMP 200 the
suppressor is integrated.
Note drop−out delay
Dimensions
1


Similar Part No. - DILM13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DILM13 ETC2-DILM13 Datasheet
140Kb / 2P
RC-suppressor
More results

Similar Description - DILM13

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
RC-6 TRIAD-RC-6 Datasheet
124Kb / 1P
RC-6
RC-7 TRIAD-RC-7 Datasheet
37Kb / 1P
RC-7
logo
List of Unclassifed Man...
DILM12-XSPR240 ETC2-DILM12-XSPR240 Datasheet
140Kb / 2P
RC-suppressor
logo
Cornell Dubilier Electr...
504M02QA100 CDE-504M02QA100 Datasheet
193Kb / 1P
Arc Suppressor/Snubber Network Radial Metallized Polyester RC Network for Transient Suppression
logo
Infineon Technologies A...
IKD04N60RF INFINEON-IKD04N60RF Datasheet
368Kb / 2P
RC-Drive and RC-Drive Fast
09 / 2012
logo
PHOENIX CONTACT
1603893 PHOENIX-1603893 Datasheet
46Kb / 1P
RC-E0034
1595045 PHOENIX-1595045 Datasheet
43Kb / 1P
RC-09P1N1280LA
1598510 PHOENIX-1598510 Datasheet
56Kb / 2P
RC-12S1N121L00
5900230 PHOENIX-5900230 Datasheet
50Kb / 2P
RC module - RC/RK 0,22UF/47
11/05/2018
logo
Vishay Siliconix
ZOASURGE VISHAY-ZOASURGE Datasheet
78Kb / 4P
Zinc Oxide RC-Surge Suppressor (ZORC) Capacitors, for HV-Motor and Transformers
07-May-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com