Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-710-0E-TT-R Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # P-710-0E-TT-R
Description  Purgemeter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

P-710-0E-TT-R Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  P-710-0E-TT-R Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. P-710-0E-TT-R Datasheet HTML 2Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTLINE
The P-710 is a light, compact, fluororesin body purgemeter ideal for
measuring various corrosive solutions.
MAJOR APPLICATIONS
General purpose (small flow rate)
STANDARD SPECIFICATIONS
Measuring fluid
Gases
Liquids
Measuring range
Air Min. 50 to 500 mL/min(nor)
Max. 2 to 20 L/min(nor)
Water Min. 3 to 30 mL/min
Max. 0.4 to 2 L/min
・When selecting a flow range, refer to "Index &
Quick Reference for P Series Purgemeters"
(TG-S0001).
・When selecting a flow range, refer to the
standard flow rate.
Range ability
10:1 (10:2 for some models)
Indication accuracy
±5% F.S.
Fluid pressure
Max. 0.5MPa
Fluid temperature
Max. 70℃
Material
Meter body
ETFE(Rc1/8)
(Standard),PFA(Pillar fitting)
Tapered tube Heat-resistant glass(Standard),PCTFE
Gasket
PTFE
Support
Polyacetal(Standard),PPS
Cover
Polycarbonate
Process Connection
Rc : 1/8"(Standard)
Pillar fitting : (OD) 6.35mm, 6mm, 8mm
Mounting
Screw mount on the panel front (Standard)
Panel embedded mounting
Mass
approx. 0.1kg
ALARM CONTACT AND OUTPUT
Type
Availability
Reed switch type alarm unit
General
×
UL-approved
×
PAU optical alarm unit
For CE approval, refer to "Index & Quick Reference for P Series
Purgemeters" (TG-S0001).
STANDARD FLOW RATE TABLE
When the fluid pressure is other than 0 MPa, refer to "Index & Quick Reference for P
Series Purgemeters" (TG-S0001).
For tapered tube material code of G
For tapered tube
material code of T
Air (0ºC, 0 MPa)
Water
Water
3 to 30 mL/min
(Water)
5 to 50 mL/min
50 to 500 mL/min(nor) 10 to 100 mL/min
0.1 to 1
L/min
(nor) 20 to 200 mL/min
0.2 to 2
L/min
(nor) 30 to 300 mL/min
0.3 to 3
L/min
(nor) 50 to 500 mL/min
50 to 500 mL/min
0.5 to 5
L/min
(nor) 0.1 to 1
L/min
0.1 to 1
L/min
1 to 10 L/min
(nor)0.12 to 1.2 L/min*
0.12 to 1.2 L/min
2 to 20 L/min
(nor) 0.4 to 2
L/min
0.4 to 2
L/min
Although other flow rate specifications are available, some flow ranges
need to be changed. Contact us for details.
Ranges of 0.12 to 1.2 L/min or higher are applicable only to models
with a valve code of 0 or U.
BASIC MODEL CODE
Model Code
Descriptions
Notes
P-710 –
□ □ – □ □ – □ □
Valve
– 0
Not provided
Refer to "Index &
Quick Reference
for P Series
Purgemeters"
(TG-S0001).
– L
Inlet (gas for
atmospheric
pressure scale)
– U
Outlet (gas for
pressure scale
or for negative
pressure on the
secondary side)
– Z
Special
Alarm
output
0
Not provided
E
PAU alarm unit
provided
Z
Special
Tapered tube
material
– G
Heat-resistant
glass (Standard)
– T
PCTFE
Cannot be
specified with gas
applications, a valve
code of L, and an
alarm output code
of E or Z
Gasket material
T
PTFE
Cushion:
Chloroprene rubber
(CR) or Fluoro
rubber
Process connection
– R 1
Rc1/8"
(Standard)
– T
A ø6.35
× t1
Pillar fitting (Super
type)
B ø6
× t1
C ø8
× t1
– P
A ø6.35
× t1.2
Pillar fitting (Super
300 type)
B ø6
× t1
– Z Z Special
OTHER AVAILABLE OPTIONS
You can specify the following options:
Double graduations, special graduations, various joint types, etc. For
details, refer to "Index & Quick Reference for P Series Purgemeters"
(TG-S0001).
All-fluororesin, highly corrosion-resistant purgemeter
for measuring liquids and gases
P-710
Purgemeter
TG-F2040-E03
4th edition Aug 2020 K
1st edition Jun 2014 K


Similar Part No. - P-710-0E-TT-R

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
P-7100 COPAL-P-7100 Datasheet
87Kb / 3P
Ultra-miniature pressure sensors
P-7100-102A-M5 COPAL-P-7100-102A-M5 Datasheet
87Kb / 3P
Ultra-miniature pressure sensors
P-7100-102A-R1 COPAL-P-7100-102A-R1 Datasheet
87Kb / 3P
Ultra-miniature pressure sensors
P-7100-102G-M5 COPAL-P-7100-102G-M5 Datasheet
87Kb / 3P
Ultra-miniature pressure sensors
P-7100-102G-R1 COPAL-P-7100-102G-R1 Datasheet
87Kb / 3P
Ultra-miniature pressure sensors
More results

Similar Description - P-710-0E-TT-R

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1210 TTELEC-DS1210 Datasheet
488Kb / 4P
Platon Armoured Purgemeter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com