Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2000 Datasheet(PDF) 4 Page - TOKYO KEISO CO.,LTD.

Part # RF2000
Description  Radiator air fl ow measurement system
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

RF2000 Datasheet(HTML) 4 Page - TOKYO KEISO CO.,LTD.

  RF2000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. RF2000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. RF2000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. RF2000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DIMENSIONS
RR5100D
Converter for anemometers for radiators
RS-1150-IR
RR5100D
Propeller sensor (50 mm diameter)
RR5100D
RADIATOR WIND SPEED
CONVERTER
CH/UP CH/DOWN SHIFT
INC.
ENT.
MOVE
CH9
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
CH16
CH15
CH14
CH13
CH12
CH11
CH10
A
A side view
1
8
9
10
158
225
3
4
5
5
6
6
7
2
10
2.5
7.5
No.
Part name
Connectors connecting
with propeller sensors
② Cover
③ Power switch
④ Power connector
RS-485 Communication
connector
CAN communication
connector
⑦ Analog output connector
⑧ Vent hole
⑨ Display
⑩ Key buttons
Head Office : Shiba Toho Building, 1 – 7 – 24 Shibakoen, Minato-ku, Tokyo 105 – 8558
Tel : +81-3 – 3431 – 1625 (KEY) ; Fax : +81-3 – 3433 – 4922
e-mail : overseas.sales@tokyokeiso.co.jp ; URL : https://www.tokyokeiso.co.jp
* Specification is subject to change without notice.
RS-1138-IR
RR5100D
Propeller sensor (30 mm diameter)
2.5
10
39.4
TG-F1123-E04
RF2000 Radiator air flow measurement system with RR5000D/RR5100D converter
4
TOKYO KEISO CO., LTD.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com