Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-813-1O-EC-R1 Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # P-813-1O-EC-R1
Description  Purgemeter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

P-813-1O-EC-R1 Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  P-813-1O-EC-R1 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. P-813-1O-EC-R1 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTLINE
The P-810 is ideal for measuring the flow rates of various gases in
semiconductor production. High reliability is ensured by circumferential seals.
The P-810 has a solid track record in applications with various devices.
Electrolytically polished models with low leakage are also available.
MAJOR APPLICATIONS
Gas flow measurement in semiconductor production equipment,
especially for low-leakage lines
STANDARD SPECIFICATIONS
Measuring fluid
Gases
Liquid (Equivalent to water:Density 1.0g/cm3,
Viscosity 1.0mPa・s)
Measuring range
Air Min. 5 to 50 mL/min(nor)
Max. 6 to 60 L/min(nor)
Water Min. 5 to 50 mL/min
Max. 0.2 to 2 L/min
・When selecting a flow range, refer to "Index &
Quick Reference for P Series Purgemeters"
(TG-S0001).
Range ability
10:1
Indication accuracy
± 3% F.S.
Fluid pressure
Max. 0.8 MPa
Fluid temperature
Max. 120ºC(Depends on the gasket material)
Material
Wetted part
SCS14(Standard), SUS316(Electrolytically polished)
Tapered tube Heat-resistant glass
Gasket
Fluoro rubber (Max. 120ºC)
Chloroprene rubber (Max. 80ºC)
・The maximum fluid temperature for each
gasket material may vary depending on usage
and ambient conditions.
Mounting plate SUS304
Cover
Transparent PVC
Process Connection
Rc : 1/4"(Standard),1/8"
NPT : 1/4", 1/8"
SW : 1/4", 3/8"
VCR : 1/4", 3/8"
Mounting
Lock nut mount on the panel front (Standard)
Bezel mounting
Mass
approx. 0.6kg
ALARM CONTACT AND OUTPUT
Type
Availability
Reed switch type alarm unit
General
×
UL-approved
×
PAU optical alarm unit
○
For CE approval, refer to "Index & Quick Reference for P Series Purgemeters" (TG-S0001).
STANDARD FLOW RATE TABLE
When the fluid pressure is other than 0 MPa, refer to "Index & Quick Reference for P Series
Purgemeters" (TG-S0001).
For alarm output codes of 0 or E
Air (0ºC, 0 MPa)
Water
5 to 50 mL/min(nor)
10 to 100 mL/min(nor)
20 to 200 mL/min(nor)
30 to 300 mL/min(nor)
50 to 500 mL/min(nor)
0.1 to 1
  L/min(nor)
0.2 to 2
  L/min(nor)
5 to 50 mL/min
0.3 to 3
  L/min(nor)
10 to 100 mL/min
0.5 to 5
  L/min(nor)
20 to 200 mL/min
1 to 10   L/min(nor)
30 to 300 mL/min
2 to 20   L/min(nor)
50 to 500 mL/min
3 to 30   L/min(nor)
0.1 to 1
  L/min
5 to 50   L/min(nor)
0.15 to 1.5   L/min
6 to 60   L/min(nor)
0.2 to 2
  L/min
Although other flow rate specifications are available, some flow ranges need to be
changed. Contact us for details.
BASIC MODEL CODE
Model Code
Descriptions
Notes
P-81
3 — □ □ — □ □ — □ □
Face-
to-face
dimension
3
Standard (224mm)
Valve
— 0
Not provided
Refer to "Index & Quick
Reference for P Series
Purgemeters" (TG-S0001).
— 1
Bellows valve at the
outlet
— 2
Bellows valve at the
inlet
— 3
Needle valve at the
outlet
— 4
Needle valve at the
inlet
— Z
Special
Alarm output
0
Not provided
Refer to "Index & Quick
Reference for P Series
Purgemeters" (TG-S0001).
E
PAU alarm unit
provided
Z
Special
Wetted parts material
— 6
SCS14 (Standard)
— E
SUS316
(Electrolytically
polished)
Selectable when the
connection type code is V*
— Z
Special
Gasket material
F
Fluoro rubber
(Standard)
C
Chloroprene rubber
(CR)
Select this code for
ammonia gas.
Z
Special
Process connection type
— R
Rc (Standard)
Bezel mounting is available.
For details, refer to "Index
& Quick Reference for P
Series Purgemeters" (TG-
S0001).
— N
NPT female
— S
SW
— V
VCR (Male connector)
— Z
Special
Process connection size
1 1/8"
Selectable when the
connection type code is R
or N
2 1/4" (Standard)
3 3/8"
Selectable when the
connection type code is S
or V
Z Special
*
When connection type code V is not selected, the fitting parts cannot
be electrolytically polished.
OTHER AVAILABLE OPTIONS
You can specify the following options:
Double graduations, special graduations, with/without a stand, built-in
rubber fitting type, various fitting types, etc.
For details, refer to "Index & Quick Reference for P Series Purgemeters"
(TG-S0001).
Circumferentially sealed, low-leakage purgemeter for
measuring gases and liquids
P-810
Purgemeter
TG-F2412-E01
Jun 2024
Sep 2023
2nd edition
1st edition
K
K


Similar Part No. - P-813-1O-EC-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P-8130 ETC2-P-8130 Datasheet
416Kb / 3P
POWER TRANS FORMERS
logo
Molex Electronics Ltd.
P-8139-032 MOLEX4-P-8139-032 Datasheet
238Kb / 2P
Avikrimp??Quick Disconnect, Female, for 12-14 (3.30-2.00) Wire, Box, Tab 4.75mm(.187") x 0.81mm (.032")
P-8139-032T MOLEX4-P-8139-032T Datasheet
238Kb / 3P
Avikrimp??Quick Disconnect, Female, for 12-14 (3.30-2.00) Wire, Mylar Tape, Tab4.75mm (.187") x 0.81mm (.032")
P-8139T MOLEX4-P-8139T Datasheet
238Kb / 3P
Avikrimp??Quick Disconnect
More results

Similar Description - P-813-1O-EC-R1

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1210 TTELEC-DS1210 Datasheet
488Kb / 4P
Platon Armoured Purgemeter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com