Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP7104SEC/J Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP7104SEC/J
Description  T-1 (3mm) SOLID STATE LAMP HYPER ORANGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7104SEC/J Datasheet(HTML) 1 Page - Kingbright Corporation

  WP7104SEC/J Datasheet HTML 1Page - Kingbright Corporation WP7104SEC/J Datasheet HTML 2Page - Kingbright Corporation WP7104SEC/J Datasheet HTML 3Page - Kingbright Corporation WP7104SEC/J Datasheet HTML 4Page - Kingbright Corporation WP7104SEC/J Datasheet HTML 5Page - Kingbright Corporation WP7104SEC/J Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAF6615
REV NO: V.7
DATE: JUN/21/2007
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: S.J.LIU
ERP:1101021164
Package Dimensions
T-1 (3mm) SOLID STATE LAMP
Features
●LOW POWER CONSUMPTION.
●POPULAR T-1 DIAMETER PACKAGE.
●GENERAL PURPOSE LEADS.
●RELIABLE AND RUGGED.
●LONG LIFE - SOLID STATE RELIABILITY.
●AVAILABLE ON TAPE AND REEL.
●RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.
Part Number: WP7104SEC/J
HYPER ORANGE
PRELIMINARY SPEC
Description
The Super Bright device is based on light emitting diode chip
made from AlInGaP.


Similar Part No. - WP7104SEC/J

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7104SEC/E KINGBRIGHT-WP7104SEC/E Datasheet
259Kb / 6P
T-1 (3mm) SOLID STATE LAMP Hyper Orange
More results

Similar Description - WP7104SEC/J

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7104NC KINGBRIGHT-WP7104NC Datasheet
413Kb / 6P
T-1 (3mm) SOLID STATE LAMP
WP1154NT KINGBRIGHT-WP1154NT Datasheet
115Kb / 4P
T-1 (3mm) SOLID STATE LAMP PURE ORANGE
WP7083SED-J KINGBRIGHT-WP7083SED-J Datasheet
386Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP HYPER ORANGE
WP7104ND KINGBRIGHT-WP7104ND Datasheet
413Kb / 6P
T-1 (3mm) SOLID STATE LAMP Pure Orange
WP7104NT KINGBRIGHT-WP7104NT Datasheet
413Kb / 6P
T-1 (3mm) SOLID STATE LAMP Pure Orange
WP7104SEC KINGBRIGHT-WP7104SEC Datasheet
259Kb / 6P
T-1 (3mm) SOLID STATE LAMP Super Bright Orange
WP7104SEC-E KINGBRIGHT-WP7104SEC-E Datasheet
259Kb / 6P
T-1 (3mm) SOLID STATE LAMP Hyper Orange
WP7104SED KINGBRIGHT-WP7104SED Datasheet
259Kb / 6P
T-1 (3mm) SOLID STATE LAMP Super Bright Orange
WP7104SET KINGBRIGHT-WP7104SET Datasheet
259Kb / 6P
T-1 (3mm) SOLID STATE LAMP Super Bright Orange
WP7104SURC-E KINGBRIGHT-WP7104SURC-E Datasheet
407Kb / 6P
T-1 (3mm) SOLID STATE LAMP Hyper Red
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com