Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHT20 Datasheet(PDF) 1 Page - ASAIR All Rights Reserved.

Part # AHT20
Description  Humidity and Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASAIR [ASAIR All Rights Reserved.]
Direct Link  https://www.aosong.com/en/index.aspx
Logo ASAIR - ASAIR All Rights Reserved.

AHT20 Datasheet(HTML) 1 Page - ASAIR All Rights Reserved.

  AHT20 Datasheet HTML 1Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 2Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 3Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 4Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 5Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 6Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 7Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 8Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 9Page - ASAIR All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.aosong.com
Version:V1.0 —— May 2021
1 / 16
Product Summary
As a new generation of temperature and humidity sensors, AHT20 sets a new standard in terms of size and performance:
a two-row flat pin less SMD package suitable for reflow soldering, bottom face 3x3mm, height 1.0mm.The sensor outputs
calibrated digital signals in standard IIC format.
AHT20 is equipped with a newly designed ASIC dedicated chip, an improved MEMS semiconductor capacitive humidity
sensor element and a standard on-chip temperature sensor element. Its performance has been greatly improved or even
exceeded the reliability level of the previous generation of sensors. A generation of temperature and humidity sensors
have been improved to make their performance more stable in harsh environments.
Each sensor is calibrated and tested, and the product lot number is printed on the surface of the product. Due to
improvements and miniaturization of the sensor, it is more cost-effective, and ultimately all devices will benefit from
cutting-edge energy-saving operation modes.
Data Sheet AHT20
Humidity and Temperature Sensor
Full calibration
Digital output, I2C interface
Excellent long-term stability
SMD package suitable for reflow soldering
Quick response and strong anti-jamming capability
1 Product Description
The AHT20 can be widely used in consumer electronics, medical, automotive, industrial, meteorological
and other fields, such as: HVAC, dehumidifiers and refrigerators and other home appliances, testing and
testing equipment and other related temperature and humidity detection and control products.
Figure 1. AHT20 Sensor Package Diagram (Unit: mm Tolerance: ±0.1 mm).


Similar Part No. - AHT20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AHT25 ETC-AHT25 Datasheet
955Kb / 14P
Humidity and Temperature Module
Version:V1.0 May 2021
More results

Similar Description - AHT20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
Humidity and Temperature Sensor
logo
Sensitron
SHT21 SENSITRON-SHT21 Datasheet
493Kb / 12P
Humidity and Temperature Sensor
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
Humidity and Temperature Sensor
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
Humidity and Temperature Sensor IC
logo
Silicon Laboratories
SI7020-A20 SILABS-SI7020-A20 Datasheet
533Kb / 36P
IC HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
Digital Temperature and Humidity Sensor
logo
HOPE Microelectronics C...
TH08 HOPE-TH08 Datasheet
529Kb / 21P
HUMIDITY AND TEMPERATURE SENSOR
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
Humidity and Temperature Sensor
Version 3
logo
Silicon Laboratories
SI7021-A20-IM SILABS-SI7021-A20-IM Datasheet
1Mb / 36P
2C HUMIDITY AND TEMPERATURE SENSOR
Rev. 1.2 8/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com