Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-E67C Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LB-E67C
Description  Power TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LB-E67C Datasheet(HTML) 5 Page - ams-OSRAM AG

  LB-E67C Datasheet HTML 1Page - ams-OSRAM AG LB-E67C Datasheet HTML 2Page - ams-OSRAM AG LB-E67C Datasheet HTML 3Page - ams-OSRAM AG LB-E67C Datasheet HTML 4Page - ams-OSRAM AG LB-E67C Datasheet HTML 5Page - ams-OSRAM AG LB-E67C Datasheet HTML 6Page - ams-OSRAM AG LB-E67C Datasheet HTML 7Page - ams-OSRAM AG LB-E67C Datasheet HTML 8Page - ams-OSRAM AG LB-E67C Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LB E67C
5 Version 1.6 | 2019-07-15
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 7)
I
F = 30 mA
I
F = 30 mA
I
F = 30 mA
min.
max.
typ.
I
v
I
v
Φ
V
Q1
71 mcd
90 mcd
290 mlm
Q2
90 mcd
112 mcd
360 mlm
R1
112 mcd
140 mcd
450 mlm
R2
140 mcd
180 mcd
580 mlm
S1
180 mcd
224 mcd
730 mlm
S2
224 mcd
280 mcd
910 mlm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 30 mA
I
F = 30 mA
min.
max.
V
F
V
F
2
2.90 V
3.30 V
3
3.30 V
3.80 V
4
3.80 V
4.40 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 30 mA
I
F = 30 mA
min.
max.
λ
dom
λ
dom
3
463 nm
467 nm
4
467 nm
471 nm
5
471 nm
475 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com