Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-L293 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LB-L293
Description  SMARTLED® 0603
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LB-L293 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LB-L293 Datasheet HTML 2Page - ams-OSRAM AG LB-L293 Datasheet HTML 3Page - ams-OSRAM AG LB-L293 Datasheet HTML 4Page - ams-OSRAM AG LB-L293 Datasheet HTML 5Page - ams-OSRAM AG LB-L293 Datasheet HTML 6Page - ams-OSRAM AG LB-L293 Datasheet HTML 7Page - ams-OSRAM AG LB-L293 Datasheet HTML 8Page - ams-OSRAM AG LB-L293 Datasheet HTML 9Page - ams-OSRAM AG LB-L293 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LB L293
DATASHEET
DATASHEET
6 | Version 1.4 | 2022-11-17
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 7)
I
F = 10 mA
I
F = 10 mA
I
F = 10 mA
min.
max.
typ.
I
v
I
v
Φ
V
L2
14.0 mcd
18.0 mcd
64.0 mlm
M1
18.0 mcd
22.4 mcd
80.8 mlm
M2
22.4 mcd
28.0 mcd
100.8 mlm
N1
28.0 mcd
35.5 mcd
127.0 mlm
N2
35.5 mcd
45.0 mcd
161.0 mlm
P1
45.0 mcd
56.0 mcd
202.0 mlm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 10 mA
I
F = 10 mA
min.
max.
V
F
V
F
3B
2.75 V
2.90 V
4A
2.90 V
3.05 V
4B
3.05 V
3.20 V
5A
3.20 V
3.35 V
5B
3.35 V
3.50 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 10 mA
I
F = 10 mA
min.
max.
λ
dom
λ
dom
2
460 nm
464 nm
3
464 nm
468 nm
4
468 nm
472 nm
5
472 nm
476 nm
6
476 nm
480 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com