Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-Q39E Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # LB-Q39E
Description  Chip LED 0603
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LB-Q39E Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button LB-Q39E Datasheet HTML 6Page - ams-OSRAM AG LB-Q39E Datasheet HTML 7Page - ams-OSRAM AG LB-Q39E Datasheet HTML 8Page - ams-OSRAM AG LB-Q39E Datasheet HTML 9Page - ams-OSRAM AG LB-Q39E Datasheet HTML 10Page - ams-OSRAM AG LB-Q39E Datasheet HTML 11Page - ams-OSRAM AG LB-Q39E Datasheet HTML 12Page - ams-OSRAM AG LB-Q39E Datasheet HTML 13Page - ams-OSRAM AG LB-Q39E Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LB Q39E
DATASHEET
DATASHEET
10 | Version 1.12 | 2026-01-06
Max. Permissible Forward Current 5)
I
F = f(T)
0
0
˚C
T
IF
mA
OHL03587
TS
TA
temp. ambient
T
temp. solder point
S
T
A
20
40
60
80
100
2
4
6
8
10
12
14
16
20
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TA = 25 °C
0
-5
F
I
A
tp
s
OHL03588
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
0.01
0.1
0.02
0.05
0.005
D =
T
t
T
D =
P
P
t
IF
0.2
0.3
0.5
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.11
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TA = 85 °C
0
-5
F
I
A
tp
s
OHL03589
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
0.01
0.1
0.02
0.05
0.005
D =
T
t
T
D =
P
P
t
IF
0.2
0.3
0.5
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com