Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-W5AM Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LB-W5AM
Description  Golden DRAGON® Plus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LB-W5AM Datasheet(HTML) 5 Page - ams-OSRAM AG

  LB-W5AM Datasheet HTML 1Page - ams-OSRAM AG LB-W5AM Datasheet HTML 2Page - ams-OSRAM AG LB-W5AM Datasheet HTML 3Page - ams-OSRAM AG LB-W5AM Datasheet HTML 4Page - ams-OSRAM AG LB-W5AM Datasheet HTML 5Page - ams-OSRAM AG LB-W5AM Datasheet HTML 6Page - ams-OSRAM AG LB-W5AM Datasheet HTML 7Page - ams-OSRAM AG LB-W5AM Datasheet HTML 8Page - ams-OSRAM AG LB-W5AM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Version 1.2
LB W5AM
Dominant Wavelength Groups
Dominant Wellenlängengruppen
Group
blue
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
2
459
464
3
464
468
4
468
472
5
472
476
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.
Brightness Groups
Helligkeitsgruppen
1) page 20
Luminous Flux
1) page 20
Luminous Intensity
5) page 20
(min.) ΦV [lm]
(max.) ΦV [lm]
(typ.) IV [cd]
GX
18
21
5
GY
21
24
6
GZ
24
28
7
HX
28
33
8
HY
33
39
9
Note: The standard shipping format for serial types includes either a lower family group, an upper family group or
a grouping of all individual brightness groups of only a few brightness groups. Individual brightness groups
cannot be ordered.
Anm.: Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere
Familiengruppe oder eine Sammelgruppe, die aus nur wenigen Helligkeitsgruppen besteht. Einzelne
Helligkeitsgruppen sind nicht bestellbar.
Group
Luminous Flux
Gruppe
Lichtstrom 1)Seite 20
Lichtstrom 1) Seite 20
Lichtstärke 5) Seite 20
2015-12-14
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com