Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310C8T6 Datasheet(PDF) 74 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310C8T6
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310C8T6 Datasheet(HTML) 74 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310C8T6 Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310C8T6 Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310C8T6 Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310C8T6 Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310C8T6 Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310C8T6 Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310C8T6 Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310C8T6 Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310C8T6 Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 81 page
background image
GD32F310xx Datasheet
73
5.5
TSSOP20 package outline dimensions
Figure 5-9. TSSOP20 package outline
Table 5-5. TSSOP20 package dimensions
Symbol
Min
Typ
Max
A
—
—
1.20
A1
0.05
—
0.15
A2
0.80
1.00
1.05
A3
0.39
0.44
0.49
b
0.20
—
0.28
b1
0.19
0.22
0.25
c
0.13
—
0.17
c1
0.12
0.13
0.14
D
6.40
6.50
6.60
E
6.20
6.40
6.60
E1
4.30
4.40
4.50
e
—
0.65
—
L
0.45
0.60
0.75
L1
—
1.00
—
θ
0°
—
8°
(Original dimensions are in millimeters)
BASE METAL
WITH PLATING
SECTION B-B
b1
b
c1 c
B
B
θ
c
A
A1
L1
A2
D
0.25
L
e
b
E1
E
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com