Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM3000 Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # TM3000
Description  MINI CONVERTOR UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

TM3000 Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  TM3000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. TM3000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TM3000 MINI CONVERTOR UNIT
TG-F2152-E01
2
DIMENSIONS
72
7
83
14
More than 90
67
+0.7
0
Note) Recommending mount panel in 1 to 5mm thickness.
FRONT PANEL
TERMINAL
Unit
Up
Down
Shift
Mode
High
alarm
(Default)
Low
alarm
(Default)
Indication
Upper : Flow rate
Lower : Totalization
1 2 3 4 5 6 7 8 9 10
20
11 12 13 14 15 16 17 18 19
RESET
HIGH
ALARM
LOW
ALARM
POWER
AC85–250V
(C)
(E)
(+)
(-)
+V COM -V
(+)
(-)
(+)
(-)
F.G.
PULSE
OUT
ANALOG
OUT
DC POWER
TO METER
ANALOG
IN
APPLICATIONS
Analog Output
Scaled Pulse Output
High and Low Alarm
Output
RS-485
Communication
AC Power
Cable
Detector
WIRING
No.
Description
No.
Description
1
(+)
RS-485
11
(–) RS-485
2
(C)
(E)
Pulse Output
12
Reset
313
4
(+)
(–)
Analog Output
14
High alarm output
515
6
(+V)
(COM)
(–V)
DC power to meter
16
Low alarm output
717
8
18
F.G.
9
(+)
(–)
Analog Input
19
AC power supply
10
20
Head Office : Shiba Toho Building, 1 – 7 – 24 Shibakoen, Minato-ku, Tokyo 105 – 8558
Tel : +81-3 – 3431 – 1625 (KEY) ; Fax : +81-3 – 3433 – 4922
e-mail : overseas.sales@tokyokeiso.co.jp ; URL : https://www.tokyokeiso.co.jp
* Specification is subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com