Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310F4P6TR Datasheet(PDF) 78 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310F4P6TR
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310F4P6TR Datasheet(HTML) 78 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310F4P6TR Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310F4P6TR Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310F4P6TR Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310F4P6TR Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310F4P6TR Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310F4P6TR Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310F4P6TR Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310F4P6TR Datasheet HTML 80Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310F4P6TR Datasheet HTML 81Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 78 / 81 page
background image
GD32F310xx Datasheet
77
6
Ordering information
Table 6-1. Part ordering code for GD32F310xx devices
Ordering code
Flash (KB)
Package
Package type
Temperature
operating range
GD32F310C8T6
64
LQFP48
Green
Industrial
-40 °C to +85 °C
GD32F310C8T7
64
LQFP48
Green
Industrial
-40 °C to +105 °C
GD32F310K8T6
64
LQFP32
Green
Industrial
-40 °C to +85 °C
GD32F310K8T7
64
LQFP32
Green
Industrial
-40 °C to +105 °C
GD32F310K6T6
32
LQFP32
Green
Industrial
-40 °C to +85 °C
GD32F310K8U6
64
QFN32
Green
Industrial
-40 °C to +85 °C
GD32F310G8U6TR
64
QFN28
Green
Industrial
-40 °C to +85 °C
GD32F310G8U7TR
64
QFN28
Green
Industrial
-40 °C to +105 °C
GD32F310F8P6TR
64
TSSOP20
Green
Industrial
-40 °C to +85 °C
GD32F310F6P6TR
32
TSSOP20
Green
Industrial
-40 °C to +85 °C
GD32F310F4P6TR
16
TSSOP20
Green
Industrial
-40 °C to +85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com