Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G517AL2TP1U Datasheet(PDF) 21 Page - Global Mixed-mode Technology Inc

Part # G517AL2TP1U
Description  Power Distribution Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G517AL2TP1U Datasheet(HTML) 21 Page - Global Mixed-mode Technology Inc

Back Button G517AL2TP1U Datasheet HTML 17Page - Global Mixed-mode Technology Inc G517AL2TP1U Datasheet HTML 18Page - Global Mixed-mode Technology Inc G517AL2TP1U Datasheet HTML 19Page - Global Mixed-mode Technology Inc G517AL2TP1U Datasheet HTML 20Page - Global Mixed-mode Technology Inc G517AL2TP1U Datasheet HTML 21Page - Global Mixed-mode Technology Inc G517AL2TP1U Datasheet HTML 22Page - Global Mixed-mode Technology Inc G517AL2TP1U Datasheet HTML 23Page - Global Mixed-mode Technology Inc G517AL2TP1U Datasheet HTML 24Page - Global Mixed-mode Technology Inc G517AL2TP1U Datasheet HTML 25Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Ver: 1.4
Apr 25, 2016
TEL: 886-3-5788833
http://www.gmt.com.tw
21
G517
Global Mixed-mode Technology
Typical Performance Characteristics (Continued)
Inrush Current with Load Capacitance
Turn on Delay Time and Rise Time
Turn off Delay Time and Fall Time
Thermal shuntdown Reponse
UVLO Protection at Rising
UVLO Protection at Falling
VIN=5V
RL=10Ω
CL=10uF
CL=100uF
CL=220uF
VEN
VOUT
VIN=5V
CL=1uF
RL=10Ω
VEN
VOUT
VIN=5V
CL=470uF
RL=10Ω
VEN
FLAG
IOUT
VIN=5V
CL=47uF
RL=1Ω
VOUT
FLAG
IOUT
VIN
CIN=1uF
CL=1uF
RL=33Ω
VIN
VOUT
CIN=1uF
CL=1uF
RL=33Ω
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com