Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP3264AC Datasheet(PDF) 19 Page - Injoinic Technology Co.,Ltd.

Part # IP3264AC
Description  4–5 Cell Li-ion/Polymer Battery Protector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP3264AC Datasheet(HTML) 19 Page - Injoinic Technology Co.,Ltd.

Back Button IP3264AC Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 23Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
IP3264
V1.0
19 / 23
Copyright © 2023, Injoinic Corp.
图
13:5 节典型应用原理图(全分口)
典型应用原理图推荐参数
符号
元器件
功能
典型值
取值范围
RVDD
电阻
电源
RC 滤波和限流
1KΩ
0.1KΩ~3.3KΩ
RVC5
电阻
电源
RC 滤波和限流
1KΩ
0.1KΩ~3.3KΩ
RVC4
电阻
电源
RC 滤波和限流
1KΩ
0.1KΩ~3.3KΩ
RVC3
电阻
电源
RC 滤波和限流
1KΩ
0.1KΩ~3.3KΩ
RVC2
电阻
电源
RC 滤波和限流
1KΩ
0.1KΩ~3.3KΩ
RVC1
电阻
电源
RC 滤波和限流
1KΩ
0.1KΩ~3.3KΩ
Q1
N MOSFET
放电保护
Q2
N MOSFET
充电保护
RNTC
热敏电阻
温度检测
10KΩ(103AT)
10KΩ(103AT)
CVDD
电容
电源滤波
1μF
1μF~10μF
C5
电容
电源滤波
0.1μF
0.1μF~1μF
C4
电容
电源滤波
0.1μF
0.1μF~1μF
C3
电容
电源滤波
0.1μF
0.1μF~1μF
C2
电容
电源滤波
0.1μF
0.1μF~1μF
C1
电容
电源滤波
0.1μF
0.1μF~1μF
CNTC
电容
电源滤波
10nF
10nF~22nF
RSEL
电阻
1KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com