Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-2202-50 Datasheet(PDF) 3 Page - TOKYO KEISO CO.,LTD.

Part # VC-2202-50
Description  V-CONE FLOWMETER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

VC-2202-50 Datasheet(HTML) 3 Page - TOKYO KEISO CO.,LTD.

  VC-2202-50 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. VC-2202-50 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. VC-2202-50 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. VC-2202-50 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VC series V-CONE FLOWMETER
TOKYO KEISO CO., LTD.
3
TG-F821-4E
MODEL CODE
Connection
Material
Connection size
β ratio
1
2
3
4
9
2
3
9
01
02
03
04
05
06
08
10
13
15
20
25
30
35
40
VC
−
JIS 10K RF SO Flange
JIS 20K RF SO Flange
ANSI CLASS 150 RF SO Flange
ANSI CLASS 300 RF SO Flange
Others
Stainless steel SS304
Stainless steel SS316L
Special
15A
1/2"
20A
3/4"
25A
1"
40A
1 1/2"
50A
2"
65A
2 1/2"
80A
3"
100A
4"
125A
5"
150A
6"
200A
8"
250A
10"
300A
12"
350A
14"
400A
16"
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
−45
−50
−55
−60
−65
−70
−75
−80
DIMENTIONS
【Fig. A】
15A to 25A
1/2" to 1"
FLOW
L
B
54
2-E
【Fig. B】
40A to 150A
1 1/2" to 6"
54
B
2-E
L
FLOW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com