Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W-2022-R1FC10A Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # W-2022-R1FC10A
Description  MINI-WHEEL FLOWMETER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

W-2022-R1FC10A Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  W-2022-R1FC10A Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. W-2022-R1FC10A Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. W-2022-R1FC10A Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. W-2022-R1FC10A Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OUTLINE
The W-2000 series is a impeller-type flowmeter that can be used on
chillers that use various fluids. There is a impeller containing magnets in
the flow path, and the number of its rotations that are proportional to the
flow rate are counted in a non-contact manner using a magnetic sensor.
Flowmeters made through precision casting that are both compact and
cost-effective are optimal for various cooling water devices and
semiconductor chillers.
FEATURES
❏
Pulse, current, and voltage output
❏
Covering a wide fluid temperature range from -40 to +100°C
❏
A minimum range of 0.5 to 3 L/min and a maximum range of 10 to 100
L/min
❏
Visible impeller rotation
❏
Wide variety of material groups to cover many kinds of fluids
❏
Easy overhauling, cleaning, and maintenance
❏
Low price owing to intensive cost down
❏
Complying with RoHS
STANDARD SPECIFICATIONS
◦Measuring fluid
: Liquids including water, Fluorinert, Galden, ethylene glycol. The liquid viscosity is 2 mPa
・s or less.
◦Fluid pressure
: Maximum 1.0 MPa (See "Monitoring window: Allowable fluid temperature and pressure ranges".)
◦Fluid temperature
: See MODEL CODE table
◦Ambient temperature : 5 to 60°C
◦Flow direction and posture:
The fluid flows in a horizontal or vertical direction. (When the fluid flows in a horizontal direction, a posture in which the
shaft of the impeller is in a horizontal orientation and the fluid flows at the top of the impeller will be obtained.)
◦Construction
: Drip-proof (equivalent to IP62)
◦Accuracy
: ±5% of F.S. for model W-20
□2
±3% of F.S. for models W-20
□3 to 20□A
[W-202
□ pulse output type]
◦Output
: Open collector pulse
[without additional specifications C]
Open drain pulse
[with additional specifications C] (Unscaled)
◦Pulse frequency
: Approximately 75 to 95 Hz at the maximum
flow rate
(Actual measured value is indicated on the
product name plate.)
◦Power supply
: 12 to 24 VDC ± 10% (10.8 to 26.4 V), 10 mA
◦Load rating
: Maximum 24 VDC + 10%, 10 mA
◦Electric connection : 3-core cable (UL2936) AWG25
◦Fluid temperature : 5 to 80°C [without additional specifications C]
-40 to +100°C [with additional specifications C]
[W-203
□ current output type]
◦Output
: 4 to 20 mA DC
◦Power supply
: 24 VDC ± 10%, 50 mA
◦Load resistance
: 500 Ω or less
◦Electric connection : 4-core cable (UL2941) AWG26
◦Fluid temperature : 5 to 60°C
[W-204
□ voltage output type]
◦Output
: 0 to 5 VDC
◦Power supply
: 24 VDC ± 10%, 35 mA
◦Load resistance
: 100 kΩ or more
◦Electric connection : 4-core cable (UL2941) AWG26
◦Fluid temperature : 5 to 60°C
[W-205
□ voltage output type]
◦Output
: 0 to 10 VDC
◦Power supply
: 12 to 24 VDC ±10% (10.8 to 26.4 V), 35 mA
◦Load resistance
: 100 kΩ or more
◦Electric connection : 4-core cable (UL2941) AWG26
◦Fluid temperature : 5 to 60°C
Flowmeters for chillers and various cooling devices
in the semiconductor industry that use Fluorinert,
Galden, and various other liquids
W-2000
MINI-WHEEL FLOWMETER
(Impeller Flowmeter)
TG-F2393-E00
1st edition Apr 2025 K


Similar Part No. - W-2022-R1FC10A

ManufacturerPart #DatasheetDescription
logo
TOKYO KEISO CO.,LTD.
W-2000N KEISO-W-2000N Datasheet
1Mb / 2P
MINI-WHEEL FLOWMETE
Nov 2025
More results

Similar Description - W-2022-R1FC10A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
logo
Mallory performance clu...
86003 MALLORY-86003 Datasheet
110Kb / 2P
Trigger Wheel
86103 MALLORY-86103 Datasheet
128Kb / 2P
Trigger Wheel
86153 MALLORY-86153 Datasheet
128Kb / 2P
Trigger Wheel
logo
TT Electronics.
DS1132 TTELEC-DS1132 Datasheet
495Kb / 2P
Platon Plastic VA Flowmeter
DS1010 TTELEC-DS1010 Datasheet
515Kb / 2P
Platon NS Series Pelton Wheel Flowmeter
DS3911 TTELEC-DS3911 Datasheet
275Kb / 1P
GU Flowmeter Accessories
DS3921 TTELEC-DS3921 Datasheet
327Kb / 1P
PG/PGU Flowmeter Accessories
logo
SparkFun Electronics
ROB-08899 SPARKFUN-ROB-08899 Datasheet
98Kb / 1P
Wheel 42x19mm
1/18/2016
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
Electromagnetic flowmeter
2022-06-01
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com