Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS8552XM Datasheet(PDF) 4 Page - Jiangsu Runic Technology Co., Ltd

Part # RS8552XM
Description  Zero-Drift, Rail-to-Rail I/O CMOS Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUNIC [Jiangsu Runic Technology Co., Ltd]
Direct Link  https://en.run-ic.com/
Logo RUNIC - Jiangsu Runic Technology Co., Ltd

RS8552XM Datasheet(HTML) 4 Page - Jiangsu Runic Technology Co., Ltd

  RS8552XM Datasheet HTML 1Page - Jiangsu Runic Technology Co., Ltd RS8552XM Datasheet HTML 2Page - Jiangsu Runic Technology Co., Ltd RS8552XM Datasheet HTML 3Page - Jiangsu Runic Technology Co., Ltd RS8552XM Datasheet HTML 4Page - Jiangsu Runic Technology Co., Ltd RS8552XM Datasheet HTML 5Page - Jiangsu Runic Technology Co., Ltd RS8552XM Datasheet HTML 6Page - Jiangsu Runic Technology Co., Ltd RS8552XM Datasheet HTML 7Page - Jiangsu Runic Technology Co., Ltd RS8552XM Datasheet HTML 8Page - Jiangsu Runic Technology Co., Ltd RS8552XM Datasheet HTML 9Page - Jiangsu Runic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RS8551, RS8552
RS8553, RS8554
4
www.run-ic.com
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
(At TA = +25
0C, Vs=5V, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.)
PARAMETER
CONDITION
RS8551, RS8552,
RS8553, RS8554
UNIT
MIN
TYP
MAX
OFFSET VOLTAGE
Input Offset Voltage
Vos
VCM = Vs/2
1
5
μV
VS Temperature
dVos/dT
0.005
0.05
μV/
0C
VS Power Supply
PSRR
VS = +2.7V to +5.5V, VCM = 0
110
130
dB
Channel Separation, dc
0.1
μV/V
INPUT BIAS CURRENT
Input Bias Current
IB
VCM = Vs/2
50
pA
Input Offset Current
Ios
10
pA
NOISE PERFORMANCE
Input Voltage Noise
enp-p
f=0.01Hz to 10Hz
0.75
μVpp
Input Voltage Noise
enp-p
f=0.01Hz to 1Hz
0.22
μVpp
Input Voltage Noise Density
en
f=1KHz
35
nV/√Hz
Input Current Noise Density
in
f=10Hz
1.5
fA/√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V-)-0.1
(V+)+0.1
V
Common-Mode Rejection Ratio CMRR
(V–) – 0.1V < VCM < (V+)+ 0.1V
110
130
dB
INPUT CAPACITANCE
Differential
1
pF
Common-Mode
5
pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
RL=10KΩ, VO=0.3V to 4.7V, -40°C~125°C
110
130
dB
DYNAMIC PERFORMANCE
Slew Rate
SR
G=+1
2.7
V/μs
Gain-Bandwidth Product
GBW
4.5
MHz
Overload Recovery Time
1
us
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL=100 KΩ to GND
4.99
4.998
V
RL=10 KΩ to GND
4.95
4.98
V
Output Voltage Low
VOL
RL=100 KΩ to V+
1
10
mV
RL=10 KΩ to V+
10
30
mV
Short-Circuit Current
ISC
50
mA
POWER SUOOLY
Operating Voltage Range
2.7
5.5
V
Quiescent Current/ Amplifier
IQ
640
870
uA
SHUTDOWN
tOFF
2
μs
tON
150
us
VL (shutdown)
0
+0.8
V
VH (amplifier is active)
0.75(V+)
V+
V
Input Bias Current of Enable Pin
50
pA
IQSD
1
5
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com