Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW50-10 Datasheet(PDF) 5 Page - STMicroelectronics

Part # BZW50-10
Description  TRANSILTM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW50-10 Datasheet(HTML) 5 Page - STMicroelectronics

  BZW50-10 Datasheet HTML 1Page - STMicroelectronics BZW50-10 Datasheet HTML 2Page - STMicroelectronics BZW50-10 Datasheet HTML 3Page - STMicroelectronics BZW50-10 Datasheet HTML 4Page - STMicroelectronics BZW50-10 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BZW50-10,B/180,B
5/5
Packaging : standard packaging is tape and reel.
BZW
50
10
B
RL
-
5000W
STAND-OFF VOLTAGE
BIDIRECTIONAL
No suffix: unidirectional
PACKAGING:
'
' = Ammopack tape
'RL' = Tape & reel
ORDER CODE
Weight = 2.048 g.
MARKING : Logo, Date Code, Type Code, Cathode Band (for unidirectional types only).
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written
approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2003 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
PACKAGE MECHANICAL DATA
R6 (Plastic)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
8.6
9.1
0.338
0.358
B
25.4
1
∅ C
8.6
9.1
0.338
0.358
∅ D
1.2
1.3
0.047
0.051
B
∅D
∅C
AB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com