Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPXLRF-2 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # WPXLRF-2
Description  WALL PLATE DUAL XLR FEMALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

WPXLRF-2 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  WPXLRF-2 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.78
70.5
4.53
115.1
3.27
83.0
2X, XLR FEMALE
CONNECTOR
1.34
34.0
NOTES:
PANEL MATERIAL: 20 GAGE (.036) STAINLESS STEEL.
MOUNTING HARDWARE IS INCLUDED (NOT SHOWN)
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
COMPONENT ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED
IN ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
WPXLRF-2
B
WPXLRF-2.SLDDRW
1
1
J.RUST
2/24/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.McNEIL
2/24/10
7/20/10
A
B
INITIAL RELEASE
ECN 4981: REMOVED ROHS STAMP
8/18/10
D.GRIFFIN
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
WALL PLATE DUAL XLR FEMALE
TELECOM/MODULAR
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
2/24/10
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.02
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - WPXLRF-2

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
WPXLRF-1 L-COM-WPXLRF-1 Datasheet
60Kb / 1P
WALL PLATE SINGLE XLR FEMALE
2/24/10
More results

Similar Description - WPXLRF-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
76002058 ETC2-76002058 Datasheet
191Kb / 1P
XLR PRO Power Supply, Wall 100-240V,XLR PRO Power Supply, Wall 100-240V,
logo
Lumins Inc.
SR515 LUMINIS-SR515 Datasheet
267Kb / 2P
Sealed cast aluminum wall mounting plate
logo
Tripp Lite. All Rights ...
N042-001-WH TRIPPLITE-N042-001-WH Datasheet
158Kb / 2P
2-Port Dual Outlet RJ45 Universal Keystone Face Plate / Wall Plate, White, TAA
logo
Neutrik AG
NA3FM NEUTRIK-NA3FM Datasheet
45Kb / 2P
3 pole XLR male - 3 pole XLR female (extention adapter)
NA5FF NEUTRIK-NA5FF Datasheet
70Kb / 2P
5 pole XLR female - 5 pole XLR female (gender conversion adapter)
NA5FF-B NEUTRIK-NA5FF-B Datasheet
91Kb / 2P
5 pole XLR female - 5 pole XLR female (gender conversion adapter, black plating)
NA3F5F NEUTRIK-NA3F5F Datasheet
89Kb / 2P
3 pole XLR female - 5 pole XLR female (gender conversion adapter)
NA3FF NEUTRIK-NA3FF Datasheet
85Kb / 2P
3 pole XLR female - 3 pole XLR female Gender conversion adapter
NA3FF-B NEUTRIK-NA3FF-B Datasheet
80Kb / 2P
3 pole XLR female - 3 pole XLR female, black Gender conversion adapter
SCCD-W NEUTRIK-SCCD-W Datasheet
127Kb / 1P
XLR D Series female
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com