Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT7603 Datasheet(PDF) 4 Page - Maxic Technology Corporation

Part # MT7603
Description  Linear Constant – Current LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIC [Maxic Technology Corporation]
Direct Link  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation

MT7603 Datasheet(HTML) 4 Page - Maxic Technology Corporation

  MT7603_V01 Datasheet HTML 1Page - Maxic Technology Corporation MT7603_V01 Datasheet HTML 2Page - Maxic Technology Corporation MT7603_V01 Datasheet HTML 3Page - Maxic Technology Corporation MT7603_V01 Datasheet HTML 4Page - Maxic Technology Corporation MT7603_V01 Datasheet HTML 5Page - Maxic Technology Corporation MT7603_V01 Datasheet HTML 6Page - Maxic Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MT7603
Maximizing IC Performance
Linear Constant – Current LED Driver
Rev. 1.00
Page 4
APPLICATION INFORMATION
MT7603 is a linear constant-current LED driver.
It can achieve accurate constant-current at
specific
operating
voltage
range
with
less
peripheral components.
Start Up
During start-up, VDD is charged through a
start-up resistor. As VDD reaches 12V, the
control logic starts to work. As the VDD
continues rising up to 15V, it will be clamped.
When the VDD voltage drops to below 9V, the
system shuts down, and the UVLO function is
triggered. As shown in Fig.1.
VDD
EN
12V
9V
15V
Fig.1 Start up and close sequence
Output Current and Voltage Determination
It is important to determine the LED voltage and
current, As MT7603 is a linear buck LED driver
IC, the peak value of the rectified input voltage
must be greater than the output LED voltage.
Refer to Fig.2, MT7603 automatically turns on
the LED string following the input sine wave.
When the input voltage rises and reaches to the
LED conducting voltage VLED, The LED string is
turned
on.
Since
then,
the
input
voltage
continues rising, the LED string voltage keeps
stable,
the
external
MOSFET
bears
the
superfluous voltage drop. If the input voltage
drops, the procedure is reversed. So high LED
voltage makes the LED availability to be low, and
low LED voltage will reduce the system efficiency.
It is recommended to choose about 120V
high-voltage LED string in 120VAC applications;
And to choose about 250V high-voltage LED
string in 220VAC applications. It can be adjusted
according to actual application.
Fig.2 LED conduction procedure
Sense Resistor Settings
The output current be set by the sense resistor
RCS. MT7603 generates a control signal by
comparing the voltage on sense resistor RCS and
internal reference voltage VREF (500mV) to
achieve LED constant current output.
The peak current of LED light string:
Rcs
mV
Rcs
V
I
REF
PAEK
500
(1)
Fig.2 shows the LED conduction procedure,
MT7603 actually controls the LED peak current
during the conduction-time.
There are two cases in real application:
1) No large electrolytic capacitor is needed
after the rectifier bridge, as shown in Fig.2.
At the valley, the input voltage is lower than
LED string forward voltage, the output
current is zero. When the input voltage is
higher than the LED string forward voltage,
the output current is IPEAK. So, in the real
application,
the
LED
string
current
is
discontinuous, and the ILED is the average
LED string current.
D
×
PEAK
LED
I
I
(2)
Where, D is the LED string conduction ratio.
For buy, please contact: info@chimicron.com
Skype:info@chimicron.com
www.chimicron.com
For buy, please contact: info@chimicron.com
Skype:info@chimicron.com
www.chimicron.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com