Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP14E6-E/MF Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP14E6-E/MF
Description  2.0A Dual High-Speed Power MOSFET Driver With Enable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E6-E/MF Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP14E6-E/MF Datasheet HTML 6Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 7Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 8Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 9Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 10Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 11Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 12Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 13Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MCP14E6/7/8
DS20005006B-page 10
 2011-2023 Microchip Technology Inc. and its subsidiaries
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Enable A (ENB_A)
The ENB_A pin is the enable control for Output A. This
enable pin is internally pulled up to VDD for active-high
operation and can be left floating for standard opera-
tion. When the ENB_A pin is pulled below the enable
pin, Low Level Input Voltage (VEN_L), Output A will be
in the OFF state, regardless of the input pin state.
3.2
Control Inputs A and B (IN A; IN B)
The MOSFET driver inputs are a high-impedance
TTL/CMOS compatible input. The inputs also have
hysteresis between the high and low input levels,
allowing them to be driven from slow rising and falling
signals, and to provide noise immunity.
3.3
Ground (GND)
Ground is the device return pin. The ground pin should
have a low-impedance connection to the bias supply
source return. High peak currents will flow out the
ground pin when the capacitive load is being
discharged.
3.4
Outputs A and B (OUT A; OUT B)
Outputs, A and B, are CMOS push-pull outputs that are
capable of sourcing and sinking 2.0A of peak current
(VDD = 18V). The low output impedance ensures the
gate of the MOSFET will stay in the intended state,
even during large transients.
3.5
Supply Input (VDD)
VDD is the bias supply input for the MOSFET driver and
has a voltage range of 4.5V to 18V. This input must be
decoupled to ground with a local ceramic capacitor.
This bypass capacitor provides a localized low-
impedance path for the peak currents that are provided
to the load.
3.6
Enable B (ENB_B)
The ENB_B pin is the enable control for Output B. This
enable pin is internally pulled up to VDD for active-high
operation, and can be left floating for standard opera-
tion. When the ENB_B pin is pulled below the enable
pin, Low-Level Input Voltage (VEN_L), Output B will be
in the OFF state, regardless of the input pin state.
3.7
Exposed Metal Pad (EP)
The exposed metal pad of the DFN package is not
internally connected to any potential. Therefore, this
pad can be connected to a ground plane, or other cop-
per plane on a printed circuit board, to aid in heat
removal from the package.
TABLE 3-1:
PIN FUNCTION TABLE
PDIP, SOIC,
6x5 DFN
Symbol
Description
MCP14E6
MCP14E7
MCP14E8
1
ENB_A
ENB_A
ENB_A
Output A Enable
2
IN AIN AIN A
Input A
3
GND
GND
GND
Ground
4
IN BIN BIN B
Input B
5OUT B
OUT B
OUT B
Output B
6VDD
VDD
VDD
Supply Input
7OUT A
OUT A
OUT A
Output A
8
ENB_B
ENB_B
ENB_B
Output B Enable
9
EP
EP
EP
Exposed Metal Pad (DFN package only). Exposed pad is
electrically isolated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com