Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA08-I/P Datasheet(PDF) 4 Page - Microchip Technology

Part # 24AA08-I/P
Description  8K I2C Serial EEPROM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA08-I/P Datasheet(HTML) 4 Page - Microchip Technology

  24AA08-I/P Datasheet HTML 1Page - Microchip Technology 24AA08-I/P Datasheet HTML 2Page - Microchip Technology 24AA08-I/P Datasheet HTML 3Page - Microchip Technology 24AA08-I/P Datasheet HTML 4Page - Microchip Technology 24AA08-I/P Datasheet HTML 5Page - Microchip Technology 24AA08-I/P Datasheet HTML 6Page - Microchip Technology 24AA08-I/P Datasheet HTML 7Page - Microchip Technology 24AA08-I/P Datasheet HTML 8Page - Microchip Technology 24AA08-I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
24AA08/24LC08B/24FC08
DS20001710N-page 4
 2002-2021 Microchip Technology Inc.
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Industrial (I): TA = -40°C to +85°C, VCC = +1.7V to +5.5V
Extended (E): TA = -40°C to +125°C, VCC = +2.5V to +5.5V (24LC08B)
Extended (E): TA = -40°C to +125°C, VCC = +1.7V to +5.5V (24FC08)
Param.
No.
Symbol
Characteristic
Min.
Max. Units
Conditions
1FCLK
Clock Frequency
—
400
kHz
2.5V ≤ VCC ≤ 5.5V
—
100
kHz
1.7V ≤ VCC <2.5V (24AA08)
—
1000
kHz
1.7V ≤ VCC ≤ 5.5V (24FC08)
2THIGH
Clock High Time
600
—
ns
2.5V ≤ VCC ≤ 5.5V
4000
—
ns
1.7V ≤ VCC <2.5V (24AA08)
260
—
ns
1.7V ≤ VCC ≤ 5.5V (24FC08)
3TLOW
Clock Low Time
1300
—
ns
2.5V ≤ VCC ≤ 5.5V
4700
—
ns
1.7V ≤ VCC <2.5V (24AA08)
500
—
ns
1.7V ≤ VCC ≤ 5.5V (24FC08)
4TR
SDA and SCL Rise Time
—
300
ns
2.5V ≤ VCC ≤ 5.5V (Note 1)
—
1000
ns
1.7V ≤ VCC <2.5V (24AA08) (Note 1)
—
1000
ns
1.7V ≤ VCC ≤ 5.5V (24FC08) (Note 1)
5TF
SDA and SCL Fall Time
—
300
ns
Note 1
6THD:STA Start Condition Hold Time
600
—
ns
2.5V ≤ VCC ≤ 5.5V
4000
—
ns
1.7V ≤ VCC <2.5V (24AA08)
250
—
ns
1.7V ≤ VCC ≤ 5.5V (24FC08)
7TSU:STA
Start Condition Setup
Time
600
—
ns
2.5V ≤ VCC ≤ 5.5V
4700
—
ns
1.7V ≤ VCC <2.5V (24AA08)
250
—
ns
1.7V ≤ VCC ≤ 5.5V (24FC08)
8THD:DAT Data Input Hold Time
0
—
ns
Note 2
9TSU:DAT Data Input Setup Time
100
—
ns
2.5V ≤ VCC ≤ 5.5V
250
—
ns
1.7V ≤ VCC <2.5V (24AA08)
50
—
ns
1.7V ≤ VCC ≤ 5.5V (24FC08)
10
TSU:STO
Stop Condition Setup
Time
600
—
ns
2.5V ≤ VCC ≤ 5.5V
4000
—
ns
1.7V ≤ VCC <2.5V (24AA08)
250
—
ns
1.7V ≤ VCC ≤ 5.5V (24FC08)
11
TSU:WP WP Setup Time
600
—
ns
1.7V ≤ VCC ≤ 5.5V (24FC08)
12
THD:WP WP Hold Time
600
—
ns
1.7V ≤ VCC ≤ 5.5V (24FC08)
13
TAA
Output Valid from Clock
—
900
ns
2.5V ≤ VCC ≤ 5.5V (Note 2)
—
3500
ns
1.7V ≤ VCC <2.5V (24AA08) (Note 2)
—
450
ns
1.7V ≤ VCC ≤ 5.5V (24FC08) (Note 2)
14
TBUF
Bus Free Time: The time
the bus must be free
before a new
transmission can start
1300
—
ns
2.5V ≤ VCC ≤ 5.5V
4700
—
ns
1.7V ≤ VCC <2.5V (24AA08)
500
—
ns
1.7V ≤ VCC ≤ 5.5V (24FC08)
Note 1: Characterized but not 100% tested.
2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3: CB = total capacitance of one bus line in pF.
4: This parameter is not tested but ensured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com