Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1812 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1812
Description  Ultrasonic Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1812 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM1812 Datasheet HTML 1Page - National Semiconductor (TI) LM1812 Datasheet HTML 2Page - National Semiconductor (TI) LM1812 Datasheet HTML 3Page - National Semiconductor (TI) LM1812 Datasheet HTML 4Page - National Semiconductor (TI) LM1812 Datasheet HTML 5Page - National Semiconductor (TI) LM1812 Datasheet HTML 6Page - National Semiconductor (TI) LM1812 Datasheet HTML 7Page - National Semiconductor (TI) LM1812 Datasheet HTML 8Page - National Semiconductor (TI) LM1812 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Application Hints (Continued)
TLH7892 – 4
Available from National Semiconductor Corporation
FIGURE 4 Time Variable FET Attenuator
completely turned ON until all detectable ringing has
stopped The duration of the ring is rarely specified by the
transducer manufacturer and must be experimentally deter-
mined
When designing an ultrasonic ranging system three
trans-
ducer parameters are very important
1) resonant impedance (RT in Figure 3b )
2) maximum peak-to-peak voltage
3) resonant frequency fr
This data used in conjunction with the curves given in
Figure 6 results in a functional output stage design
TRANSMITTER
The transmitter (
Figure 5 ) consists of an oscillator a 1 ms
one-shot and a power amplifier
When the transmitter is keyed ON at pin 8 the L1-C1 tank is
switched to the oscillator mode An on-chip 1 ms one-shot is
triggered with each cycle of the oscillator and in turn drives
a power amplifier This one-shot has a reset time of 2 ms
limiting the maximum operating frequency to about 325 kHz
A transformer couples the transducer to the output stage
The oscillator frequency is set by L1-C1 and can be calcu-
lated from
fO e
1
2q
0L1C1
(1)
The L1-C1 tank must have a minimum Rp of 10 kX where
RP e 2qfOQL1
(2)
and Q e unloaded Q of L1-C1 tank
The output transformer (L6) is designed with the aid of
Fig-
ure 6 Curves are shown for two common frequencies
40 kHz and 200 kHz For a given load impedance (RT Fig-
ure 3b ) a turns ratio for L6 is determined In order not to
exceed the transducer’s specifications the peak-to-peak
output voltage may need to be adjusted using the equation
Vp-p e 2Va
NSN
P
J
(3)
To ensure that the output stage is not overloaded a current
measurement must be made at pin 6 While the first few
pulses of each transmit period may reach 2A or 3A the
steady-state current spikes must not exceed 1A Current
spikes are reduced by decreasing the turns ratio of L6
The secondary of L6 tunes with C6 at the operating frequen-
cy fO
TLH7892 – 5
FIGURE 6 L6 Turns Ratio vs Load Resistance
TLH7892 – 6
FIGURE 5 Transmitter
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com